Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1994 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1994
Description  Audio Switching Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1994 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1994 Datasheet HTML 8Page - Analog Devices AD1994 Datasheet HTML 9Page - Analog Devices AD1994 Datasheet HTML 10Page - Analog Devices AD1994 Datasheet HTML 11Page - Analog Devices AD1994 Datasheet HTML 12Page - Analog Devices AD1994 Datasheet HTML 13Page - Analog Devices AD1994 Datasheet HTML 14Page - Analog Devices AD1994 Datasheet HTML 15Page - Analog Devices AD1994 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD1994
Rev. 0 | Page 12 of 24
PVDD VOLTAGE (V)
50
0
820
45
40
35
30
25
20
15
10
5
10
12
14
16
18
THD = 10%
THD = 1%
PVDD VOLTAGE (V)
Figure 28. Maximum Power vs. PVDD, Stereo Mode, 4 Ω Load
50
0
820
45
40
35
30
25
20
15
10
5
10
12
14
16
18
THD = 10%
THD = 1%
PVDD VOLTAGE (V)
Figure 29. Maximum Power vs. PVDD, Stereo Mode, 6 Ω Load
50
0
820
100
0
820
PVDD VOLTAGE (V)
90
80
70
60
50
40
30
20
10
THD = 10%
THD = 1%
10
12
14
16
18
45
40
35
30
25
20
15
10
5
10
12
14
16
18
THD = 10%
THD = 1%
Figure 30. Maximum Power vs. PVDD, Stereo Mode, 8 Ω Load
100
0
820
PVDD VOLTAGE (V)
Figure 31. Maximum Power vs. PVDD, Mono Mode, 2 Ω Load
90
80
70
60
50
40
30
20
10
THD = 10%
THD = 1%
10
12
14
16
18
100
0
820
PVDD VOLTAGE (V)
Figure 32. Maximum Power vs. PVDD, Mono Mode, 3 Ω Load
90
80
70
60
50
40
30
20
10
THD = 10%
THD = 1%
10
12
14
16
18
Figure 33. Maximum Power vs. PVDD, Mono Mode, 4 Ω Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com