Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1994 Datasheet(PDF) 19 Page - Analog Devices

Part # AD1994
Description  Audio Switching Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1994 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD1994 Datasheet HTML 15Page - Analog Devices AD1994 Datasheet HTML 16Page - Analog Devices AD1994 Datasheet HTML 17Page - Analog Devices AD1994 Datasheet HTML 18Page - Analog Devices AD1994 Datasheet HTML 19Page - Analog Devices AD1994 Datasheet HTML 20Page - Analog Devices AD1994 Datasheet HTML 21Page - Analog Devices AD1994 Datasheet HTML 22Page - Analog Devices AD1994 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD1994
Rev. 0 | Page 19 of 24
Clocking Multiple Amplifiers in Parallel
If there are multiple AD199x family amplifiers connected to the
same PVDD supply, use the same clock source (or synchronous
derivatives) for each amplifier as previously described. Avoid
clocking amplifiers from similar but asynchronous clocks if
they use the same power supply because this can result in beat
frequencies.
PROTECTION CIRCUITS AND ERROR REPORTING
Thermal Protection
The AD1994 features thermal protection. When the die
temperature exceeds approximately 135°C, the thermal warning
error output (ERR1) is asserted. If the die temperature exceeds
approximately 150°C, the thermal shutdown error output
(ERR2) is asserted. If this occurs, the part shuts down to
prevent damage to the part. When the die temperature drops
below approximately 120°C, the part returns to normal
operation automatically and negates both error outputs.
Overcurrent Protection
The AD1994 features over current or short-circuit protection. If
the current through any power transistors exceeds approximately
4 A, the part enters a mute state and the overcurrent error
output (ERR0) is asserted. This is a latched error and does not
clear automatically. Restore normal operation and clear the
error condition by either asserting and then negating RESET or
by asserting and then negating MUTE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com