Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8313ARMZ
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8313ARMZ Datasheet HTML 4Page - Analog Devices AD8313ARMZ Datasheet HTML 5Page - Analog Devices AD8313ARMZ Datasheet HTML 6Page - Analog Devices AD8313ARMZ Datasheet HTML 7Page - Analog Devices AD8313ARMZ Datasheet HTML 8Page - Analog Devices AD8313ARMZ Datasheet HTML 9Page - Analog Devices AD8313ARMZ Datasheet HTML 10Page - Analog Devices AD8313ARMZ Datasheet HTML 11Page - Analog Devices AD8313ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8313
Rev. D | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = 5 V, RL input match shown in Figure 29, unless otherwise noted.
INPUT AMPLITUDE (dBm)
2.0
–70
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–60
–50
–40
–30
–20
–10
0
10
1.9GHz
2.5GHz
900MHz
100MHz
Figure 4. VOUT vs. Input Amplitude
INPUT AMPLITUDE (dBm)
6
–6
–70
10
–60
–50
–40
–30
–20
–10
0
4
2
0
–2
–4
900MHz
100MHz
100MHz
900MHz
1.9GHz
2.5GHz
2.5GHz
1.9GHz
Figure 5. Log Conformance vs. Input Amplitude
INPUT AMPLITUDE (dBm)
2.0
–70
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–60
–50
–40
–30
–20
–10
0
10
5
4
3
2
1
0
–1
–2
–3
–4
–5
–40°C
+25°C
+85°C
SLOPE AND INTERCEPT NORMALIZED AT +25°C
AND APPLIED TO –40°C AND +85°C
Figure 6. VOUT and Log Conformance vs. Input Amplitude at 100 MHz for
Multiple Temperatures
INPUT AMPLITUDE (dBm)
2.0
–70
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–60
–50
–40
–30
–20
–10
0
10
5
4
3
2
1
0
–1
–2
–3
–4
–5
+25°C
+85°C
–40°C
SLOPE AND INTERCEPT NORMALIZED AT +25°C
AND APPLIED TO –40°C AND +85°C
Figure 7. VOUT and Log Conformance vs. Input Amplitude at 900 MHz for
Multiple Temperatures
INPUT AMPLITUDE (dBm)
2.0
–70
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–60
–50
–40
–30
–20
–10
0
10
5
4
3
2
1
0
–1
–2
–3
–4
–5
–40°C
+25°C
+85°C
SLOPE AND INTERCEPT NORMALIZED AT +25°C
AND APPLIED TO –40°C AND +85°C
Figure 8. VOUT and Log Conformance vs. Input Amplitude at 1.9 GHz for
Multiple Temperatures
INPUT AMPLITUDE (dBm)
2.0
–70
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–60
–50
–40
–30
–20
–10
0
10
5
4
3
2
1
0
–1
–2
–3
–4
–5
–40°C
+25°C
+85°C
SLOPE AND INTERCEPT
NORMALIZED AT +25°C AND
APPLIED TO –40°C AND +85°C
Figure 9. VOUT and Log Conformance vs. Input Amplitude at 2.5 GHz for
Multiple Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com