Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313ARMZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD8313ARMZ
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313ARMZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8313ARMZ Datasheet HTML 14Page - Analog Devices AD8313ARMZ Datasheet HTML 15Page - Analog Devices AD8313ARMZ Datasheet HTML 16Page - Analog Devices AD8313ARMZ Datasheet HTML 17Page - Analog Devices AD8313ARMZ Datasheet HTML 18Page - Analog Devices AD8313ARMZ Datasheet HTML 19Page - Analog Devices AD8313ARMZ Datasheet HTML 20Page - Analog Devices AD8313ARMZ Datasheet HTML 21Page - Analog Devices AD8313ARMZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8313
Rev. D | Page 18 of 24
As previously discussed, a modification of the board layout
produces networks that may not perform as specified. At 2.5 GHz,
a shunt inductor is sufficient to achieve proper matching. Con-
sequently, C1 and C2 are set sufficiently high that they appear as
RF shorts.
Table 4. Recommended Values for C1, C2, and
LMATCH in Figure 35
Freq.
(MHz)
CMATCH
(pF)
C1
(pF)
C2
(pF)
LMATCH
(nH)
Voltage
Gain(dB)
100
8.9
22
15
270
12.6
1000
270
900
1.5
3
3
8.2
9.0
1.5
1000
8.2
1900
1.5
3
3
2.2
6.2
1.5
1000
2.2
2500
Large
390
390
2.2
3.2
Figure 37 shows the voltage response of the 100 MHz matching
network. Note the high attenuation at lower frequencies typical
of a high-pass network.
FREQUENCY (MHz)
15
50
10
5
0
–5
100
200
Figure 37. Voltage Response of 100 MHz Narrow-Band Matching Network
ADJUSTING THE LOG SLOPE
Figure 38 shows how the log slope can be adjusted to an exact
value. The idea is simple: the output at the VOUT pin is attenu-
ated by the variable resistor R2 working against the internal 18 kΩ
of input resistance at the VSET pin. When R2 is 0, the attenu-
ation it introduces is 0, and thus the slope is the basic 18 mV/dB.
Note that this value varies with frequency, (Figure 10). When R2
is set to its maximum value of 10 kΩ, the attenuation from
VOUT to VSET is the ratio 18/(18 + 10), and the slope is raised
to (28/18) × 18 mV, or 28 mV/dB. At about the midpoint, the
nominal scale is 23 mV/dB. Thus, a 70 dB input range changes
the output by 70 × 23 mV, or 1.6 V.
0.1
µF
R1
10
Ω
R3
10
Ω
R2
10k
Ω
0.1
µF
+VS
+VS
8
7
6
5
1
2
3
4
VPOS
VOUT
INHI
INLO
VPOS PWDN
COMM
VSET
AD8313
18–30mV/dB
Figure 38. Adjusting the Log Slope
As stated, the unadjusted log slope varies with frequency from
17 mV/dB to 20 mV/dB, as shown in Figure 10. By placing a
resistor between VOUT and VSET, the slope can be adjusted to
a convenient 20 mV/dB as shown in Figure 39.
Table 5 shows the recommended values for this resistor, REXT.
Also shown are values for REXT, which increase the slope to
approximately 50 mV/dB. The corresponding voltage swings
for a −65 dBm to 0 dBm input range are also shown in Table 6.
0.1
µF
R1
10
Ω
R3
10
Ω
REXT
0.1
µF
+VS
+VS
8
7
6
5
1
2
3
4
VPOS
VOUT
INHI
INLO
VPOS PWDN
COMM
VSET
AD8313
20mV/dB
Figure 39. Adjusting the Log Slope to a Fixed Value
Table 5. Values for R
in Figure 39
EXT
Frequency
MHz
REXT
kV
Slope
mV/dB
VOUT Swing for Pin
−65 dBm to 0 dBm – V
100
0.953
20
0.44 to 1.74
900
2.00
20
0.58 to 1.88
1900
2.55
20
0.70 to 2.00
2500
0
20
0.54 to 1.84
100
29.4
50
1.10 to 4.35
900
32.4
50.4
1.46 to 4.74
1900
33.2
49.8
1.74 to 4.98
2500
26.7
49.7
1.34 to 4.57
The value for REXT is calculated by
(
)
Ω
×
−
=
k
18
Slope
Original
Slope
Original
Slope
New
REXT
The value for the Original Slope, at a particular frequency, can
be read from Figure 10. The resulting output swing is calculated
by simply inserting the New Slope value and the intercept at that
frequency (Figure 10 and Figure 13) into the general equation
for the AD8313’s output voltage:
VOUT = Slope(PIN − Intercept)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com