Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8313ARMZ
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD8313ARMZ Datasheet HTML 1Page - Analog Devices AD8313ARMZ Datasheet HTML 2Page - Analog Devices AD8313ARMZ Datasheet HTML 3Page - Analog Devices AD8313ARMZ Datasheet HTML 4Page - Analog Devices AD8313ARMZ Datasheet HTML 5Page - Analog Devices AD8313ARMZ Datasheet HTML 6Page - Analog Devices AD8313ARMZ Datasheet HTML 7Page - Analog Devices AD8313ARMZ Datasheet HTML 8Page - Analog Devices AD8313ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
0.1 GHz to 2.5 GHz 70 dB
Logarithmic Detector/Controller
AD8313
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Wide bandwidth: 0.1 GHz to 2.5 GHz min
High dynamic range: 70 dB to ±3.0 dB
High accuracy: ±1.0 dB over 65 dB range (@ 1.9 GHz)
Fast response: 40 ns full-scale typical
Controller mode with error output
Scaling stable over supply and temperature
Wide supply range: 2.7 V to 5.5 V
Low power: 40 mW at 3 V
Power-down feature: 60 mW at 3 V
Complete and easy to use
APPLICATIONS
RF transmitter power amplifier setpoint control and
level monitoring
Logarithmic amplifier for RSSI measurement cellular
base stations, radio link, radar
FUNCTIONAL BLOCK DIAGRAM
++
+
+
+
AD8313
VOUT
VSET
COMM
PWDN
GAIN
BIAS
BAND GAP
REFERENCE
SLOPE
CONTROL
INTERCEPT
CONTROL
EIGHT 8dB 3.5GHz AMPLIFIER STAGES
8dB
8dB
VPOS
INHI
INLO
VPOS
8dB
8dB
NINE DETECTOR CELLS
CINT
LP
I
→V
V
→I
1
8
7
6
5
2
3
4
Figure 1.
GENERAL DESCRIPTION
The AD8313 is a complete multistage demodulating logarithmic
amplifier that can accurately convert an RF signal at its differ-
ential input to an equivalent decibel-scaled value at its dc output.
The AD8313 maintains a high degree of log conformance for
signal frequencies from 0.1 GHz to 2.5 GHz and is useful over
the range of 10 MHz to 3.5 GHz. The nominal input dynamic
range is –65 dBm to 0 dBm (re: 50 Ω), and the sensitivity can be
increased by 6 dB or more with a narrow-band input impedance
matching network or a balun. Application is straightforward,
requiring only a single supply of 2.7 V to 5.5 V and the addition
of a suitable input and supply decoupling. Operating on a 3 V
supply, its 13.7 mA consumption (for TA = 25°C) is only 41 mW.
A power-down feature is provided; the input is taken high to
initiate a low current (20 µA) sleep mode, with a threshold at
half the supply voltage.
The AD8313 uses a cascade of eight amplifier/limiter cells, each
having a nominal gain of 8 dB and a −3 dB bandwidth of
3.5 GHz. This produces a total midband gain of 64 dB. At each
amplifier output, a detector (rectifier) cell is used to convert the
RF signal to baseband form; a ninth detector cell is placed
directly at the input of the AD8313. The current-mode outputs
of these cells are summed to generate a piecewise linear approxi-
mation to the logarithmic function. They are converted to a low
impedance voltage-mode output by a transresistance stage, which
also acts as a low-pass filter.
When used as a log amplifier, scaling is determined by a separate
feedback interface (a transconductance stage) that sets the slope
to approximately 18 mV/dB; used as a controller, this stage
accepts the setpoint input. The logarithmic intercept is positioned
to nearly −100 dBm, and the output runs from about 0.45 V dc
at −73 dBm input to 1.75 V dc at 0 dBm input. The scale and
intercept are supply- and temperature-stable.
The AD8313 is fabricated on Analog Devices’ advanced 25 GHz
silicon bipolar IC process and is available in an 8-lead MSOP
package. The operating temperature range is −40°C to +85°C.
An evaluation board is available.
INPUT AMPLITUDE (dBm)
2.0
–80
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY = 1.9GHz
5
4
3
2
1
0
–1
–2
–3
–4
–5
Figure 2. Typical Logarithmic Response and Error vs. Input Amplitude


Similar Part No. - AD8313ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8313ARMZ AD-AD8313ARMZ Datasheet
1Mb / 23P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
Rev. F
AD8313ARMZ-REEL AD-AD8313ARMZ-REEL Datasheet
1Mb / 23P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
Rev. F
AD8313ARMZ-REEL7 AD-AD8313ARMZ-REEL7 Datasheet
1Mb / 23P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
Rev. F
More results

Similar Description - AD8313ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8313 AD-AD8313 Datasheet
261Kb / 16P
0.1 GHz-2.5 GHz, 70 dB Logarithmic Detector/Controller
REV.B
AD8318 AD-AD8318 Datasheet
2Mb / 24P
1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
7/04-Revision 0
AD8318 AD-AD8318_06 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
1/06-Rev. 0 to Rev. A
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
logo
Hittite Microwave Corpo...
HMC602LP4 HITTITE-HMC602LP4_09 Datasheet
364Kb / 8P
70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
logo
Analog Devices
AD8313 AD-AD8313_15 Datasheet
721Kb / 24P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
REV. D
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com