Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8313ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8313ARMZ
Description  0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8313ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8313ARMZ Datasheet HTML 6Page - Analog Devices AD8313ARMZ Datasheet HTML 7Page - Analog Devices AD8313ARMZ Datasheet HTML 8Page - Analog Devices AD8313ARMZ Datasheet HTML 9Page - Analog Devices AD8313ARMZ Datasheet HTML 10Page - Analog Devices AD8313ARMZ Datasheet HTML 11Page - Analog Devices AD8313ARMZ Datasheet HTML 12Page - Analog Devices AD8313ARMZ Datasheet HTML 13Page - Analog Devices AD8313ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8313
Rev. D | Page 10 of 24
PWDN VOLTAGE (V)
0
100.00
10.00
1.00
0.10
0.01
2
13
4
5
40
µA
VPOS = +3V
VPOS = +5V
20
µA
13.7mA
Figure 16. Typical Supply Current vs. PWDN Voltage
CH. 1 AND CH. 2: 1V/DIV
CH. 3: 5V/DIV
HORIZONTAL: 1
µs/DIV
VOUT @
VS = +5.5V
PWDN
CH. 1 GND
CH. 2 GND
CH. 3 GND
VOUT @
VS = +2.7V
Figure 17. PWDN Response Time
CH. 1
CH. 1 GND
CH. 2 GND
CH. 2
CH. 1 AND CH. 2: 200mV/DIV
AVERAGE: 50 SAMPLES
VS = +5.5V
VS = +2.7V
HORIZONTAL: 50ns/DIV
PULSED RF
100MHz, –45dBm
Figure 18. Response Time, No Signal to –45 dBm
CH. 1 & CH. 2: 500mV/DIV
AVERAGE: 50 SAMPLES
HORIZONTAL: 50ns/DIV
CH. 1 GND
CH. 2 GND
PULSED RF
100MHz, 0dBm
CH. 1
CH. 2
VS = +5.5V
VS = +2.7V
Figure 19. Response Time, No Signal to 0 dBm
________________________________________________________________________________________________________________________________
HP8648B
SIGNAL
GENERATOR
HP8112A
PULSE
GENERATOR
0.1
µF
54.9
Ω
0.01
µF
0.01
µF
10
Ω
10
Ω
0.1
µF
+VS
+VS
TEK
TDS784C
SCOPE
8
7
6
5
1
2
3
4
VPOS
VOUT
INHI
INLO
VPOS PWDN
COMM
VSET
AD8313
TEK P6205
FET PROBE
TRIG
0603 SIZE SURFACE
MOUNT COMPONENTS ON
A LOW LEAKAGE PC BOARD
EXT TRIG
OUT
PIN = 0dBm
RF OUT
10MHz REF OUTPUT
Figure 20. Test Setup for PWDN Response Time
0.1
µF
54.9
Ω
0.01
µF
0.01
µF
10
Ω
10
Ω
0.1
µF
+VS
+VS
TEK
TDS784C
SCOPE
8
7
6
5
1
2
3
4
VPOS
VOUT
INHI
INLO
VPOS PWDN
COMM
VSET
AD8313
TEK P6205
FET PROBE
TRIG
0603 SIZE SURFACE
MOUNT COMPONENTS ON
A LOW LEAKAGE PC BOARD
TRIG
OUT
EXT TRIG
RF OUT
10MHz REF OUTPUT
–6dB
RF
SPLITTER
–6dB
HP8648B
SIGNAL
GENERATOR
PULSE
MODULATION
MODE
PULSE MODE IN
OUT
HP8112A
PULSE
GENERATOR
Figure 21. Test Setup for RSSI Mode Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com