Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8319ACPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8319ACPZ-R2
Description  1 MHz to 10 GHz, 40 dB Log Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8319ACPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8319ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8319
Rev. A | Page 4 of 20
Parameter
Conditions
Min
Typ
Max
Unit
f = 5.8 GHz
RTADJ = 500 Ω
Input Impedance
110||0.05
Ω||pF
±1 dB Dynamic Range
TA = 25°C
40
dB
−40°C < TA < +85°C
40
dB
Maximum Input Level
±1 dB error
−3
dBm
Minimum Input Level
±1 dB error
−43
dBm
Slope1
−22
mV/dB
Intercept1
15
dBm
Output Voltage: High Power In
PIN = −10 dBm
0.57
V
Output Voltage: Low Power In
PIN = −40 dBm
1.25
V
f = 8.0 GHz
RTADJ = open
Input Impedance
28||0.79
Ω||pF
±1 dB Dynamic Range
TA = 25°C
40
dB
−40°C < TA < +85°C
31
dB
Maximum Input Level
±1 dB error
−1
dBm
Minimum Input Level
±1 dB error
−41
dBm
Slope2
−22
mV/dB
Intercept2
20
dBm
Output Voltage: High Power In
PIN = −10 dBm
0.67
V
Output Voltage: Low Power In
PIN = −40 dBm
1.34
V
OUTPUT INTERFACE
VOUT (Pin 5)
Voltage Swing
VSET = 0 V; RFIN = open
VPOS − 0.1
V
VSET = 1.5 V; RFIN = open
10
mV
Output Current Drive
VSET = 0 V; RFIN = open
10
mA
Small Signal Bandwidth
RFIN = −10 dBm; from CLPF to VOUT
140
MHz
Output Noise
RFIN = 2.2 GHz, −10 dBm, fNOISE = 100 kHz,
CLPF = open
90
nV/√Hz
Fall Time
Input level = no signal to −10 dBm, 90% to 10%;
CLPF = 8 pF
18
ns
Input level = no signal to −10 dBm, 90% to 10%;
CLPF = open; ROUT = 150 Ω
6
ns
Rise Time
Input level = −10 dBm to no signal, 10% to 90%;
CLPF = 8 pF
20
ns
Input level = −10 dBm to no signal, 10% to 90%;
CLPF = open; ROUT = 150 Ω
10
ns
Video Bandwidth (or Envelope Bandwidth)
50
MHz
VSET INTERFACE
VSET (Pin 4)
Nominal Input Range
RFIN = 0 dBm; measurement mode
0.35
RFIN = −40 dBm; measurement mode
1.23
V
Logarithmic Scale Factor
−45
dB/V
Input Resistance
RFIN = −20 dBm; controller mode; VSET = 1 V
40
kΩ
TADJ INTERFACE
TADJ (Pin 6)
Input Resistance
TADJ = 0.9 V, sourcing 50 μA
40
kΩ
Disable Threshold Voltage
TADJ = open
VPOS − 0.4
POWER INTERFACE
VPOS (Pin 7)
Supply Voltage
3.0
5.5
V
Quiescent Current
18
22
30
mA
vs. Temperature
−40°C
≤ T
A
≤ +85°C
60
μA/°C
Disable Current
TADJ = VPOS
200
μA
1 Slope and intercept are determined by calculating the best-fit line between the power levels of −40 dBm and −10 dBm at the specified input frequency.
2 Slope and intercept are determined by calculating the best-fit line between the power levels of −34 dBm and −16 dBm at 8.0 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com