Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8319ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8319ACPZ-R2
Description  1 MHz to 10 GHz, 40 dB Log Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8319ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8319ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD8319
Rev. A | Page 15 of 20
OUTPUT FILTERING
OPERATION BEYOND 8 GHZ
The AD8319 is specified for operation up to 8 GHz, but it provides
useful measurement accuracy over a reduced dynamic range of
up to 10 GHz. Figure 35 shows the performance of the AD8319
over temperature at 10 GHz when the device is configured as
shown in Figure 22. Dynamic range is reduced at this frequency,
but the AD8319 does provide 30 dB of measurement range within
±3 dB of linearity error.
For applications in which maximum video bandwidth and,
consequently, fast rise time are desired, it is essential that the
CLPF pin be left unconnected and free of any stray capacitance.
The nominal output video bandwidth of 50 MHz can be
reduced by connecting a ground-referenced capacitor (CFLT) to
the CLPF pin, as shown in Figure 34. This is generally done to
reduce output ripple (at twice the input frequency for a
symmetric input waveform such as sinusoidal signals).
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–40
–35
–30
–25
–20
–15
–10
–5
0
5
PIN (dBm)
–5
–4
–3
–2
–1
0
1
2
3
4
5
+4
VOUT
CLPF
AD8319
3.5pF
ILOG
CFLT
1.5kΩ
Figure 34. Lowering the Postdemodulation Bandwidth
CFLT is selected by
()
pF
3.5
kΩ
1.5
π
1
−
×
×
=
Bandwidth
Video
C
FLT
(11)
Figure 35. VOUT and Log Conformance vs. Input Amplitude at 10 GHz,
Multiple Devices, RTADJ = Open, CLPF = 1000 pF
The video bandwidth should typically be set to a frequency
equal to about one-tenth the minimum input frequency. This
ensures that the output ripple of the demodulated log output,
which is at twice the input frequency, is well filtered.
Implementing an impedance match for frequencies beyond
8 GHz can improve the sensitivity of the AD8319 and
measurement range.
Operation beyond 10 GHz is possible, but part-to-part
variation, most notably in the intercept, becomes significant.
In many log amp applications, it may be necessary to lower the
corner frequency of the postdemodulation filtering to achieve
low output ripple while maintaining a rapid response time to
changes in signal level. An example of a 4-pole active filter is
shown in the AD8307 data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com