Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8319ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8319ACPZ-R2
Description  1 MHz to 10 GHz, 40 dB Log Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8319ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8319ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8319
Rev. A | Page 14 of 20
Figure 31 shows the transfer function of the output power vs.
the VSET voltage over temperature for a 900 MHz sine wave with
an input power of −1.5 dBm. Note that the power control of the
AD8319 has a negative sense. Decreasing VSET, which corresponds
to demanding a higher signal from the ADL5330, increases gain.
The AGC loop is capable of controlling signals of ~40 dB. This
range limitation is due to the dynamic range of the AD8319.
Using a wider dynamic range detector, such as the AD8317,
AD8318, or AD8362, allows for the full 60 dB range of the
ADL5330 to be used. The performance over temperature is
most accurate over the highest power range, where it is gener-
ally most critical. Across the top 40 dB range of output power,
the linear conformance error is well within ±0.5 dB over
temperature.
–50
–40
–30
–10
0
10
20
30
–20
–4
–3
0
1
2
3
4
–1
–2
0.2
0.4
0.6
0.8
1.0
1.2
1.4
SETPOINT VOLTAGE (V)
1.3
1.1
0.3
0.5
0.7
0.9
1.5 1.6
Figure 31. ADL5330 Output Power vs. AD8319 Setpoint Voltage,
PIN = −1.5 dBm
For the AGC loop to remain in equilibrium, the AD8319 must
track the envelope of the output signal of the ADL5330 and
provide the necessary voltage levels to the gain control input of
the ADL5330. Figure 32 shows an oscilloscope screenshot of the
AGC loop depicted in Figure 30. A 100 MHz sine wave with
50% AM modulation is applied to the ADL5330. The output
signal from the VGA is a constant envelope sine wave with
amplitude corresponding to a setpoint voltage at the AD8319 of
1.3 V. Also shown is the gain control response of the AD8319 to
the changing input envelope.
CH1 200mV
A Ch2
1.03V
M2.00ms
T
0.00000 s
1
Ch2 200mV
AM MODULATED INPUT
AD8319 OUTPUT
Ch3 100mVΩ
2
3
ADL5330 OUTPUT
Figure 32. Oscilloscope Screenshot Showing an AM Modulated Input Signal
and the Response from the AD8319
Figure 33 shows the response of the AGC RF output to a pulse
on VSET. As VSET decreases from 1.5 V to 0.4 V, the AGC loop
responds with an RF burst. In this configuration, the input signal to
the ADL5330 is a 1 GHz sine wave at a power level of −15 dBm.
A Ch1
2.60V
T
179.800µs
AD8319 VSET PULSE
ADL5330 OUTPUT
3
1
M10.µs
Ch1 2.00V
Ch3 50mVΩ
T
Figure 33. Oscilloscope Screenshot Showing the
Response Time of the AGC Loop
Response time and the amount of signal integration are
controlled by CFLT. This functionality is analogous to the
feedback capacitor around an integrating amplifier. While it is
possible to use large capacitors for CFLT, in most applications,
values under 1 nF provide sufficient filtering.
Calibration in controller mode is similar to the method used in
measurement mode. A simple 2-point calibration can be done
by applying two known VSET voltages or DAC codes and
measuring the output power from the VGA. Slope and intercept
can then be calculated by:
Slope = (VSET1 − VSET2)/(POUT1 − POUT2)
(8)
Intercept = POUT1 − VSET1/Slope
(9)
VSETX = Slope × (POUTX − Intercept)
(10)
More information on the use of the ADL5330 in AGC applications
can be found in the ADL5330 data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com