Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8319ACPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8319ACPZ-R2
Description  1 MHz to 10 GHz, 40 dB Log Detector/Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8319ACPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8319ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8319ACPZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD8319
Rev. A | Page 18 of 20
OUTLINE DIMENSIONS
0.30
0.23
0.18
SEATING
PLANE
0.20 REF
0.80 MAX
0.65 TYP
1.00
0.85
0.80
1.89
1.74
1.59
0.50 BSC
0.60
0.45
0.30
0.55
0.40
0.30
0.15
0.10
0.05
0.25
0.20
0.15
BOTTOM VIEW
4
1
5
8
3.25
3.00
2.75
1.95
1.75
1.55
2.95
2.75
2.55
PIN 1
INDICATOR
2.25
2.00
1.75
TOP VIEW
0.05 MAX
0.02 NOM
12° MAX
EXPOSEDPAD
Figure 39. 8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
2 mm × 3 mm Body, Very Thin, Dual Lead
(CP-8-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8319ACPZ-R71
–40°C to +85°C
8-Lead LFCSP_VD
CP-8-1
Q2
AD8319ACPZ-R21
–40°C to +85°C
8-Lead LFCSP_VD
CP-8-1
Q2
AD8319ACPZ-WP1, 2
–40°C to +85°C
8-Lead LFCSP_VD
CP-8-1
Q2
AD8319-EVALZ1
Evaluation Board
1 Z = RoHS Compliant Part.
2 WP = waffle pack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com