Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2160 Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2160
Description  6-Channel, Serial Input Master/Balance Volume Controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2160 Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2160 Datasheet HTML 2Page - Analog Devices SSM2160 Datasheet HTML 3Page - Analog Devices SSM2160 Datasheet HTML 4Page - Analog Devices SSM2160 Datasheet HTML 5Page - Analog Devices SSM2160 Datasheet HTML 6Page - Analog Devices SSM2160 Datasheet HTML 7Page - Analog Devices SSM2160 Datasheet HTML 8Page - Analog Devices SSM2160 Datasheet HTML 9Page - Analog Devices SSM2160 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. A
–6–
SSM2160–Typical Performance Characteristics
GAIN – dB
–70
20
–60
–40
–20
0
10
10
1.0
0.1
0.01
0.001
TA = 25 C
VS = 6V
VIN = 0dBu
RL = 10k
CL = 50pF
TPC 1. THD vs. Gain
FREQUENCY – Hz
0.01
20
30k
100
1k
10k
TA = 25 C
DUAL-SUPPLY OPERATION
VIN = 300mV rms@1kHz
RL = 10k , CL = 50pF
MASTER/CHANNEL = 0dB
LPF: < 22kHz
VS = 12V
0.1
0.001
VS = 6V
TPC 4. THD+N % vs. Frequency
INPUT VOLTAGE – V rms
0.001
0.01
10
0.1
0.1
0.01
1.0
TA = 25 C
SINGLE-SUPPLY OPERATION
VIN = SINEWAVE @ 1kHz
RL = 10k , CL = 50pF
MASTER/CHANNEL = 0dB
VS = 15V
VS = 20V
VS = 10V
1.0
TPC 2. THD+N % vs. Amplitude
FREQUENCY – Hz
–40
–80
20
20k
100
1k
10k
–50
–60
–70
–120
–90
–100
–110
TA = 25 C
VS = 6V
VIN = 1V rms @ 1kHz
VIN = GND (NONSELECTED CH)
RL = 100k , CL = 50pF
LPF: < 22kHz
TPC 5. Channel Separation
vs. Frequency
GAIN – dB
–60
–95
–110
–70 –60
40
–40 –30 –20 –10
0
10
20 30
–65
–90
–100
–105
–80
–85
–70
–75
TA = 25 C
VS = 6V
VIN = GND
TPC 7. Noise vs. Gain
INPUT VOLTAGE – V rms
0.5
0.1
0.005
0.05
10
0.1
0.01
TA = 25 C
DUAL-SUPPLY OPERATION
VIN = SINEWAVE @ 1kHz
RL = 10k , CL = 50pF
MASTER/CHANNEL = 0dB
VS =
12V
VS =
5V
VS =
6V
1.0
TPC 3. THD+N % vs. Amplitude
FREQUENCY – Hz
–40
–80
–50
–60
–70
–120
–90
–100
–110
20
30k
100
1k
10k
TA = 25 C
VS = 6V
VIN = 1V rms @ 1kHz
RL = 10k , CL = 50pF
TPC 6. Mute vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com