Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2160 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2160
Description  6-Channel, Serial Input Master/Balance Volume Controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2160 Datasheet(HTML) 3 Page - Analog Devices

  SSM2160 Datasheet HTML 1Page - Analog Devices SSM2160 Datasheet HTML 2Page - Analog Devices SSM2160 Datasheet HTML 3Page - Analog Devices SSM2160 Datasheet HTML 4Page - Analog Devices SSM2160 Datasheet HTML 5Page - Analog Devices SSM2160 Datasheet HTML 6Page - Analog Devices SSM2160 Datasheet HTML 7Page - Analog Devices SSM2160 Datasheet HTML 8Page - Analog Devices SSM2160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. A
SSM2160
–3–
TIMING CHARACTERISTICS
Timing
Symbol
Description
Min
Typ
Max
Unit
tCL
Input Clock Pulsewidth, Low
200
ns
tCH
Input Clock Pulsewidth, High
200
ns
tDS
Data Setup Time
50
ns
tDH
Data Hold Time
75
ns
tCW
Positive CLK Edge to End of Write
100
ns
tWC
Write to Clock Setup Time
50
ns
tLW
End of Load Pulse to Next Write
50
ns
tWL
End of Write to Start of Load
50
ns
tL
Load Pulsewidth
250
ns
tW3
Load Pulsewidth (3-Wire Mode)
250
ns
NOTES
1. An idle HI (CLK-HI) or idle LO (CLK-LO) clock may be used. Data is latched on the negative edge.
2. For SPI™ or Microwire™ 3-wire bus operation, tie
LD to WRITE and use WRITE pulse to drive both pins. (This generates an automatic internal load signal.)
3. If an idle HI clock is used, tCW and tWL are measured from the final negative transition to the idle state.
4. The first data byte selects an address (MSB HI), and subsequent MSB LO states set gain/attenuation levels. Refer to the Address/Data Decoding Truth Table.
5. Data must be sent MSB first.
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
1
CLK
DATA
WRITE
LD
t
WL
t
L
t
LW
tDH
t
DS
t
CH
0
0
1
1
0
1
1
0
CLK
DATA
WRITE
LD
t
CL
D7
t
WC
t
CW
MSB
Figure 1. Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com