Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2160 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2160
Description  6-Channel, Serial Input Master/Balance Volume Controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2160 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2160 Datasheet HTML 5Page - Analog Devices SSM2160 Datasheet HTML 6Page - Analog Devices SSM2160 Datasheet HTML 7Page - Analog Devices SSM2160 Datasheet HTML 8Page - Analog Devices SSM2160 Datasheet HTML 9Page - Analog Devices SSM2160 Datasheet HTML 10Page - Analog Devices SSM2160 Datasheet HTML 11Page - Analog Devices SSM2160 Datasheet HTML 12Page - Analog Devices SSM2160 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. A
SSM2160
–9–
SELECTION
ADDRESS MODE
ADDRESS
DATA MODE
DATA
7-BIT MASTER DAC
5-BIT CHANNEL DAC 1
5-BIT CHANNEL DAC 2
5-BIT CHANNEL DAC 3
5-BIT CHANNEL DAC 4
5-BIT CHANNEL DAC 5
5-BIT CHANNEL DAC 6
NO DAC SELECTED
1
1
1
1
1
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
X
X
X
X
X
X
X
X = DON'T CARE
SHADED AREA IS DATA
0 = MUTE
1 = UNMUTE
MSB
MSB
LSB
LSB
XXXXX
Figure 7. Interface Characteristics, DAC Address/Data Decoding Truth Table
+
+
V+
0.1 F
10 F
0.1 F
10 F
3
1
2
12
13
DGND
V–
VREF
AGND
V+
SSM2160
CHn IN
REF
OUT
Figure 4. Single-Supply Operation with VREF Buffer
Signal Chain Considerations
The SSM2160 is capable of providing an extremely wide control
range, from –127 dB of attenuation (limited only by the noise
floor) to +31 dB of gain. When configuring the system, the
SSM2160 should be in the signal chain where input signals allow
the minimum VCA gain to be used, thus ensuring the lowest
distortion operation. In consumer products, sources that supply
line level signals include FM/AM tuner, phono preamp, cassette
deck, CD, laser disk, VCR, LINE, AUX, and microphone preamp.
Figure 5 shows a typical application where the SSM2160 has been
placed between a surround sound decoder and the power
amplification stages. This allows the user to adjust both volume
and balance between six speakers through the use of the master
and channel controls.
FM/AM TUNER
PHONO PREAMP
CASSETTE DECK
COMPACT DISK
LASER DISK
VCR
MICROPHONE
MUX
SURROUND
SOUND
DECODER
SSM2160
TO
SPEAKERS
POWER AMPS
VOLUME AND
BALANCE
CONTROLS
LINE LEVEL INPUTS – STEREO PAIRS
Figure 5. Typical Signal Chain Using the SSM2160
Digital Control Range Plan
The SSM2160 may be modeled as six ganged potentiometers
followed by individual programmable gain channel amplifiers, as
shown in Figure 6. In actuality, each channel’s signal level is set by
a VCA that can give gain or attenuation, depending upon the control
voltage supplied. The input potentiometers have a maximum
gain 0 dB (unity), a minimum gain of –127 dB, and change in
1dB steps. The channel amplifiers each have minimum gain of
0 dB and a maximum gain of 31 dB and also change in 1 dB steps.
The data settings for the attenuation of the master potentiometer
and the channel amplifier are shown in Table II.
OUTPUT
CHANNEL
INPUT
0dB
–127dB
+31dB 0dB
MASTER
Figure 6. Potentiometer Representation of SSM2160
(One Channel Only)
Table II. Master and Channel Control
Data
dB
Hex
Binary
Master
Min Atten
0
7F
1111111
Max Atten
–127
00
0000000
Channel
Max Gain
+31
00
00000
Midgain
+15
10
10000
Min Gain
0
1F
11111
When using channel controls as balance controls, the center would
be with Channel = 10h (or 0Fh if desired). Increasing the gain
to the maximum would occur at Channel = 00h. Reducing the
gain to minimum would occur at Channel = 1Fh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com