Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2160 Datasheet(PDF) 13 Page - Analog Devices

Part # SSM2160
Description  6-Channel, Serial Input Master/Balance Volume Controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2160 Datasheet(HTML) 13 Page - Analog Devices

Back Button SSM2160 Datasheet HTML 8Page - Analog Devices SSM2160 Datasheet HTML 9Page - Analog Devices SSM2160 Datasheet HTML 10Page - Analog Devices SSM2160 Datasheet HTML 11Page - Analog Devices SSM2160 Datasheet HTML 12Page - Analog Devices SSM2160 Datasheet HTML 13Page - Analog Devices SSM2160 Datasheet HTML 14Page - Analog Devices SSM2160 Datasheet HTML 15Page - Analog Devices SSM2160 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. A
SSM2160
–13–
Controlling Stereo Headphones Level and Balance
Figure 14 shows how the SSM2160 can be configured to drive a
stereo headphone output amplifier. Note that the minimum
load specification precludes driving headphones directly. This
example assumes that audio left and right signals are being fed
into Channels 1 and 2, respectively. Additional amplifiers could
be connected to the outputs to provide additional channels. The
master control will set the loudness, and the channel controls will
set the balance. The headphone amplifiers may be connected to
the same power supplies as the SSM2160. The stereo audio signals
are directly coupled to the noninverting input of both op amps.
Depending upon the headphones and the signal levels, the optional
R1 may be selected to provide additional gain, which is deter-
mined by
AV
= 1+
R2
R1


As an example, suppose a high impedance headphone (600
Ω)
required a minimum of 25 mW to produce the desired loudness.
Further, suppose the system design made available an output
level from the SSM2160 of 300 mV. If the output were buffered
without gain and applied directly to the headphone, the power
would be
P
V
R
=
2
PmW
= () =
03
600
015
2
.
.
This is obviously too little power, so we solve the equation for
the voltage required to produce the desired power of 25 mW
VPR
VV rms
=
=×
=
0 025
600
3 9
..
The gain of the amplifiers must then be
A
A
R
R
R
R
R
R
V
V
==
=+
=
==
=
389
03
13
1
2
1
2
1
12
1
2
12
6000
12
500
.
.
Ω
If lower impedance headphones were used, say 30
Ω, the voltage
required would be 0.9 V rms and a gain of 3 would suffice; thus,
R1= 2.5 k
Ω and R2 = 5 kΩ.
The 100 pF capacitor, C2, in parallel with R2, creates a low-pass
filter with a cutoff above the audible range, reducing the gain to
high frequency noise. A small resistor within the feedback loop
protects the output stage in the event of a short circuit at the
headphone output but does not measurably reduce the signal
swing or loop gain. The dc blocking capacitor at the output
establishes a high-pass filter with a –3 dB corner frequency
determined by the value of C1 and the headphone impedance.
With 600
Ω headphones, an output capacitor of 15 µF sets this
corner at 20 Hz. Similarly, a 30
Ω headphone will require 250 µF.
CAUTION: As with all headphone applications, listening to
loud sounds can cause permanent hearing loss.
+5V
– 5V
CH1 OUT
CH2 OUT
V–
DGND
V+
AGND
SSM2160
SSM2135-A
SSM2135-B
+5V
+
–5V
+
R1*
500
R1*
500
C2 100pF
R2 6k
150
150
R2 6k
C2 100pF
+5V
– 5V
50k
50k
15 F*
15 F*
LEFT
HEADPHONE
600
RIGHT
HEADPHONE
600
*SEE TEXT FOR ALTERNATE VALUES
1
2
4
21
12
13
Figure 14. Headphone Output Amplifier Configuration
EVALUATION BOARD FOR THE SSM2160
The following information is to be used with the SSM2160
evaluation board, which simplifies connecting the part into
existing systems. Audio signals are fed in and out via standard
RCA-type audio connectors. A stereo headphone driver socket is
provided for the convenience of listening to Channels 1 and 2.
Microsoft Windows software is available for controlling the serial
data bus of the SSM2160 via the parallel port driver (LPT) of a
PC. The software may be downloaded from the Analog Devices
website at www.analog.com. The evaluation board comes com-
plete with the necessary parallel port cable and telephone type
plug that mates with the evaluation board.
Power Supplies
The evaluation board should be connected to
±6 V supplies for
initial evaluation. If other supply voltages are planned, they can
be subsequently changed. The power configuration on the evalu-
ation board is per Figure 2.
Signal Inputs and Outputs
Input load impedances are approximately 10 k
Ω, so the load on
the sources is relatively light. DC blocking capacitors are pro-
vided on the evaluation board. The load impedance connected to
the outputs must be no less than 10 k
Ω and no more than 50 pF
shunt capacitance. This enables driving short lengths of shielded
or twisted wire cable. If heavier loads must be driven, use an
external buffer as shown in Figure 13. Note that 50
Ω isolation
resistors are placed in series with each SSM2160 output and may
be jumpered if desired.
Digital Interface
The interconnecting cable provided has a DB25 male connector
for the parallel port of the PC and an RJ14 plug that connects to
the evaluation board. This cable is all that is required for the
computer interface.
Software Installation
If installing the software from a diskette and using Windows 3.1
or later, select the RUN command from the FILE menu of the
Program Manager. In the command line, type a:\setup and press
Enter. If you downloaded the software to your hard disk from
the Analog Devices website to, for example, C:\SSM2160, on
the command line type C:\SSM2160\SETUP and press Enter.
The software will be automatically installed and a SSM2160
start-up icon will be displayed. Double-click the icon to start the
application. Under the menu item Port, select the parallel port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com