Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021B-RC Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT45DB021B-RC
Description  2-megabit 2.7-volt Only DataFlash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021B-RC Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT45DB021B-RC Datasheet HTML 3Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 4Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 5Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 6Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 7Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 8Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 9Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 10Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
1937J–DFLSH–9/05
AT45DB021B
5.2.4
Page Erase
The optional Page Erase command can be used to individually erase any page in the main
memory array allowing the Buffer to Main Memory Page Program without Built-in Erase com-
mand to be utilized at a later time. To perform a Page Erase, an opcode of 81H must be loaded
into the device, followed by five reserved bits, ten address bits (PA9 -PA0), and nine don’t care
bits. The ten address bits are used to specify which page of the memory array is to be erased.
When a low-to-high transition occurs on the CS pin, the part will erase the selected page to 1s.
The erase operation is internally self-timed and should take place in a maximum time of t
PE. Dur-
ing this time, the status register will indicate that the part is busy.
5.2.5
Block Erase
A block of eight pages can be erased at one time allowing the Buffer to Main Memory Page Pro-
gram without Built-in Erase command to be utilized to reduce programming times when writing
large amounts of data to the device. To perform a Block Erase, an opcode of 50H must be
loaded into the device, followed by five reserved bits, seven address bits (PA9 -PA3), and 12
don’t care bits. The seven address bits are used to specify which block of eight pages is to be
erased. When a low-to-high transition occurs on the CS pin, the part will erase the selected
block of eight pages to 1s. The erase operation is internally self-timed and should take place in a
maximum time of t
BE. During this time, the status register will indicate that the part is busy.
5.2.6
Main Memory Page Program through Buffer
This operation is a combination of the Buffer Write and Buffer to Main Memory Page Program
with Built-in Erase operations. Data is first shifted into buffer 1 or buffer 2 from the SI pin and
then programmed into a specified page in the main memory. To initiate the operation, an 8-bit
opcode (82H for buffer 1 or 85H for buffer 2) must be followed by the five reserved bits and 20
address bits. The 10 most-significant address bits (PA9-PA0) select the page in the main mem-
ory where data is to be written, and the next nine address bits (BFA8-BFA0) select the first byte
in the buffer to be written. After all address bits are shifted in, the part will take data from the SI
pin and store it in one of the data buffers. If the end of the buffer is reached, the device will wrap
around back to the beginning of the buffer. When there is a low-to-high transition on the CS pin,
the part will first erase the selected page in main memory to all 1s and then program the data
stored in the buffer into the specified page in the main memory. Both the erase and the program-
ming of the page are internally self-timed and should take place in a maximum of time t
EP.
During this time, the status register will indicate that the part is busy.
Table 5-2.
Block Erase Addressing
PA9
PA8
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
Block
000
00
00
X
X
X
0
000
00
01
X
X
X
1
000
00
10
X
X
X
2
000
00
11
X
X
X
3
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
111
11
00
X
X
X
124
111
11
01
X
X
X
125
111
11
10
X
X
X
126
111
11
11
X
X
X
127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com