Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021B-RC Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT45DB021B-RC
Description  2-megabit 2.7-volt Only DataFlash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021B-RC Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT45DB021B-RC Datasheet HTML 5Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 6Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 7Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 8Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 9Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 10Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 11Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 12Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
1937J–DFLSH–9/05
AT45DB021B
5.4
Operation Mode Summary
The modes described can be separated into two groups – modes which make use of the Flash
memory array (Group A) and modes which do not make use of the Flash memory array (Group
B).
Group A modes consist of:
1.
Main Memory Page Read
2.
Main Memory Page to Buffer 1 (or 2) Transfer
3.
Main Memory Page to Buffer 1 (or 2) Compare
4.
Buffer 1 (or 2) to Main Memory Page Program with Built-in Erase
5.
Buffer 1 (or 2) to Main Memory Page Program without Built-in Erase
6.
Page Erase
7.
Block Erase
8.
Main Memory Page Program through Buffer
9.
Auto Page Rewrite
Group B modes consist of:
1.
Buffer 1 (or 2) Read
2.
Buffer 1 (or 2) Write
3.
Status Register Read
If a Group A mode is in progress (not fully completed), then another mode in Group A should not
be started. However, during this time in which a Group A mode is in progress, modes in Group B
can be started.
This gives the Serial DataFlash the ability to virtually accommodate a continuous data stream.
While data is being programmed into main memory from buffer 1, data can be loaded into buffer
2 (or vice versa). See application note AN-4 (“Using Atmel’s Serial DataFlash”) for more details.
Table 5-3.
Read Commands
Command
SCK Mode
Opcode
Continuous Array Read
Inactive Clock Polarity Low or High
68H
SPI Mode 0 or 3
E8H
Main Memory Page Read
Inactive Clock Polarity Low or High
52H
SPI Mode 0 or 3
D2H
Buffer 1 Read
Inactive Clock Polarity Low or High
54H
SPI Mode 0 or 3
D4H
Buffer 2 Read
Inactive Clock Polarity Low or High
56H
SPI Mode 0 or 3
D6H
Status Register Read
Inactive Clock Polarity Low or High
57H
SPI Mode 0 or 3
D7H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com