Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021B-RC Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT45DB021B-RC
Description  2-megabit 2.7-volt Only DataFlash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021B-RC Datasheet(HTML) 1 Page - ATMEL Corporation

  AT45DB021B-RC Datasheet HTML 1Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 2Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 3Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 4Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 5Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 6Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 7Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 8Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Features
• Single 2.7V - 3.6V Supply
• Serial Peripheral Interface (SPI) Compatible
• 20 MHz Max Clock Frequency
• Page Program Operation
– Single Cycle Reprogram (Erase and Program)
– 1024 Pages (264 Bytes/Page) Main Memory
• Supports Page and Block Erase Operations
• Two 264-byte SRAM Data Buffers – Allows Receiving of Data
while Reprogramming of Nonvolatile Memory
• Continuous Read Capability through Entire Array
– Ideal for Code Shadowing Applications
• Low Power Dissipation
– 4 mA Active Read Current Typical
– 2 µA CMOS Standby Current Typical
• Hardware Data Protection Feature
• 100% Compatible to AT45DB021 and AT45DB021A
• 5.0V-tolerant Inputs: SI, SCK, CS, RESET and WP Pins
• Commercial and Industrial Temperature Ranges
• Green (Pb/Halide-free/RoHS Compliant) Packaging Options
1.
Description
The AT45DB021B is a 2.7-volt only, serial interface Flash memory ideally suited for
a wide variety of digital voice-, image-, program code- and data-storage applications.
Its 2,162,688 bits of memory are organized as 1024 pages of 264 bytes each. In addi-
tion to the main memory, the AT45DB021B also contains two SRAM data buffers
of 264 bytes each. The buffers allow receiving of data while a page in the main mem-
ory is being reprogrammed, as well as reading or writing a continuous data stream.
EEPROM emulation (bit or byte alterability) is easily handled with a self-
contained three step Read-Modify-Write operation. Unlike conventional Flash
memories that are accessed randomly with multiple address lines and a parallel inter-
face, the DataFlash uses a SPI serial interface to sequentially access its data.
DataFlash supports SPI mode 0 and mode 3. The simple serial interface facilitates
hardware layout, increases system reliability, minimizes switching noise, and reduces
package size and active pin count. The device is optimized for use in many commer-
cial and industrial applications where high density, low pin count, low voltage, and low
power are essential. The device operates at clock frequencies up to 20 MHz with a
typical active read current consumption of 4 mA.
To allow for simple in-system reprogrammability, the AT45DB021B does not require
high input voltages for programming. The device operates from a single power supply,
2.7V to 3.6V, for both the program and read operations. The AT45DB021B is enabled
through the chip select pin (CS) and accessed via a three-wire interface consisting of
the Serial Input (SI), Serial Output (SO), and the Serial Clock (SCK).
All programming cycles are self-timed, and no separate erase cycle is required before
programming.
When the device is shipped from Atmel, the most significant page of the memory
array may not be erased. In other words, the contents of the last page may not be
filled with FFH.
2-megabit
2.7-volt Only
DataFlash®
AT45DB021B
1937J–DFLSH–9/05


Similar Part No. - AT45DB021B-RC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB021B-RC ATMEL-AT45DB021B-RC Datasheet
261Kb / 33P
2-megabit 2.7-volt Only DataFlash
AT45DB021B-RC ATMEL-AT45DB021B-RC Datasheet
261Kb / 33P
2-megabit 2.7-volt Only DataFlash
More results

Similar Description - AT45DB021B-RC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB011 ATMEL-AT45DB011 Datasheet
150Kb / 19P
1-Megabit 2.7-volt Only Serial DataFlash
AT45DB021 ATMEL-AT45DB021 Datasheet
201Kb / 18P
2-Megabit 2.7-volt Only Serial DataFlash
AT45DB321 ATMEL-AT45DB321 Datasheet
154Kb / 20P
32-Megabit 2.7-volt Only Serial DataFlash
AT45DB321B ATMEL-AT45DB321B Datasheet
230Kb / 32P
32-megabit 2.7-volt Only DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
2-megabit 2.7-volt Only DataFlash
AT45DB081A ATMEL-AT45DB081A Datasheet
412Kb / 28P
8-megabit 2.7-volt Only Serial DataFlash
AT45DB021A ATMEL-AT45DB021A Datasheet
395Kb / 28P
2-megabit 2.7-volt Only Serial DataFlash
AT45DB011B ATMEL-AT45DB011B_06 Datasheet
408Kb / 32P
1-megabit 2.7-volt Only DataFlash
AT45DB021D ATMEL-AT45DB021D_07 Datasheet
1Mb / 52P
2-megabit 2.7-volt DataFlash
AT45DB021B ATMEL-AT45DB021B Datasheet
261Kb / 33P
2-megabit 2.7-volt Only DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com