Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021B-RC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT45DB021B-RC
Description  2-megabit 2.7-volt Only DataFlash
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021B-RC Datasheet(HTML) 3 Page - ATMEL Corporation

  AT45DB021B-RC Datasheet HTML 1Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 2Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 3Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 4Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 5Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 6Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 7Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 8Page - ATMEL Corporation AT45DB021B-RC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
1937J–DFLSH–9/05
AT45DB021B
3.
Block Diagram
4.
Memory Array
To provide optimal flexibility, the memory array of the AT45DB021B is divided into three levels of
granularity comprised of sectors, blocks and pages. The Memory Architecture Diagram illus-
trates the breakdown of each level and details the number of pages per sector and block. All
program operations to the DataFlash occur on a page-by-page basis; however, the optional
erase operations can be performed at the block or page level.
Figure 4-1.
Memory Architecture Diagram
FLASH MEMORY ARRAY
PAGE (264 BYTES)
BUFFER 2 (264 BYTES)
BUFFER 1 (264 BYTES)
I/O INTERFACE
SCK
CS
RESET
VCC
GND
RDY/BUSY
WP
SO
SI
SECTOR 0a = 8 Pages
2112 bytes (2K + 64)
SECTOR 0b = 248 Pages
65,472 bytes (62K + 1984)
Block = 2112 bytes
(2K + 64)
8 Pages
SECTOR 0
Page = 264 bytes
(256 + 8)
PAGE 0
PAGE 1
PAGE 6
PAGE 7
PAGE 8
PAGE 9
PAGE 1022
PAGE 1023
PAGE 14
PAGE 15
PAGE 16
PAGE 17
PAGE 18
PAGE 1021
SECTOR ARCHITECTURE
BLOCK ARCHITECTURE
PAGE ARCHITECTURE
BLOCK 0
BLOCK 1
BLOCK 30
BLOCK 31
BLOCK 32
BLOCK 33
BLOCK 126
BLOCK 127
BLOCK 62
BLOCK 63
BLOCK 64
BLOCK 65
BLOCK 2
SECTOR 0c = 256 Pages
67,584 bytes (64K + 2K)
SECTOR 1 = 512 Pages
135,168 bytes (128K + 4K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com