Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355M-AC Datasheet(PDF) 72 Page - ATMEL Corporation

Part # AT43USB355M-AC
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355M-AC Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button AT43USB355M-AC Datasheet HTML 68Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 69Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 70Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 71Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 72Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 73Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 74Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 75Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 115 page
background image
72
AT43USB355
2603G–USB–04/06
Port F
In the AT43USB355 Port F[1:3] is a 3-bit bi-directional I/O. Its output buffers can sink or source
2 mA Three I/O memory address locations are allocated for the Port F, one each for the Data
Register (PORTF), $06($26), Data Direction Register (DDRF), $05($25) and the Port F Input
Pins (PIND), $04($24). The Port F Input Pins address is read only, while the Data Register
and the Data Direction Register are read/write.
PF1 to PF3 pins have individually selectable pull-up resistors. When pins PPF1 to PF3 are
used as inputs and are externally pulled low, they will source current if the internal pull-up
resistors are activated.
In the SRAM version of the chip, the AT43USB355E, Port F is used for program memory
downloading immediately after power-on reset. After downloading is completed, PF0 is driven
high, while PF[1:3] becomes available as GPIO. In both versions of the chip, PF3 can be pro-
grammed as ICP, Timer/Counter 1 Input Capture.
Port F Data Register – PORTF
Port F Data Direction Register – DDRF
Port F Input Pins Address – PINF
The Port F Input Pins address (PINF) is not a register, and this address enables access to the
physical value on each Port F pin. When reading PORTF, the Port F Data Latch is read, and
when reading PINF, the logical values present on the pins are read.
Bit
7
6
5
4
3
2
1
0
$06 ($26)
–
–
–
–
PORTF3
PORTF2
PORTF1
–
PORTF
Read/Write
R
R
R
R
R/W
R/W
R/W
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$05 ($25)
–
–
–
–
DDF3
DDF2
DDF1
–
DDRF
Read/Write
R
R
R
R
R/W
R/W
R/W
R
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
5
4
3
2
1
0
$04 ($24)
–
–
–
–
PINF3
PINF2
PINF1
–
PINF
Read/Write
R
R
R
R
R
R
R
R
Initial Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com