Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355M-AC Datasheet(PDF) 85 Page - ATMEL Corporation

Part # AT43USB355M-AC
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355M-AC Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button AT43USB355M-AC Datasheet HTML 81Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 82Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 83Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 84Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 85Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 86Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 87Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 88Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 115 page
background image
85
AT43USB355
2603G–USB–04/06
Hub End-point 0 Byte Count Register – HBYTE_CNT0
Function End-point 0..3 Byte Count Register – FBYTE_CNT0..3
The contents of these registers stores the number of bytes to be sent or that was received by
USB Hub and Function end-points. This count includes the 16-bit CRC. To get the actual byte
count of the data, subtract the count in the register by 2. The hub EP0 and function EP3 have
8 byte FIFOs while function EP1 and EP2 have 64 byte FIFOs. Hub end-point 1 has no byte
count register.
• Bit 7..6 – Reserved
These bits are reserved in the AT43USB355 and will read as zero.
• Bit 5..0 – BYTCT5..0: Byte Count – Length of End-point Data Packet
Bit
7
6
543
2
1
0
Hub EP0 $1FCF
–
–
BYTCT5
BYTCT4
BYTCT3
BYTCT2
BYTCT1
BYTCT0
HBYTE_CNT0
Function EP0 $1FCD
–
–
BYTCT5
BYTCT4
BYTCT3
BYTCT2
BYTCT1
BYTCT0
FBYTE_CNT0
Function EP1 $1FCC
–
BYTCT6
BYTCT5
BYTCT4
BYTCT3
BYTCT2
BYTCT1
BYTCT0
FBYTE_CNT1
Function EP2 $1FCB
–
BYTCT6
BYTCT5
BYTCT4
BYTCT3
BYTCT2
BYTCT1
BYTCT0
FBYTE_CNT2
Function EP3 $1FCA
–
–
BYTCT5
BYTCT4
BYTCT3
BYTCT2
BYTCT1
BYTCT0
FBYTE_CNT3
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com