Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355M-AC Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT43USB355M-AC
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355M-AC Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT43USB355M-AC Datasheet HTML 44Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 45Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 46Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 47Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 48Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 49Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 50Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 51Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 115 page
background image
48
AT43USB355
2603G–USB–04/06
Timer/Counter1 Output Compare Register – OCR1AH and OCR1AL
Timer/Counter1 Output Compare Register – OCR1BH and OCR1BL
The output compare registers are 16-bit read/write registers.
The Timer/Counter1 Output Compare Registers contain the data to be continuously compared
with Timer/Counter1. Actions on compare matches are specified in the Timer/Counter1 Con-
trol and Status register.A compare match does only occur if Timer/Counter1 counts to the
OCR value. A software write that sets TCNT1 and OCR1A or OCR1B to the same value does
not generate a compare match.
A compare match will set the compare interrupt flag in the CPU clock cycle following the com-
pare event.
Since the Output Compare Registers OCR1A and OCR1B are 16-bit registers, a temporary
register TEMP is used when OCR1A/B are written to ensure that both bytes are updated
simultaneously. When the CPU writes the high byte, OCR1AH or OCR1BH, the data is tempo-
rarily stored in the TEMP register. When the CPU writes the low byte, OCR1AL or OCR1BL,
the TEMP register is simultaneously written to OCR1AH or OCR1BH. Consequently, the high
byte OCR1AH or OCR1BH must be written first for a full 16-bit register write operation.
The TEMP register is also used when accessing TCNT1, and ICR1. If the main program and
also interrupt routines perform access to registers using TEMP, interrupts must be disabled
during access from the main program and from interrupt routines if interrupts are allowed from
within interrupt routines.
Bit
15
14
13
12
11
10
9
8
$2B ($4B)
MSB
–
–––
–
–
–
OCR1AH
$2A ($4A)
–
–
–––
–
–
LSB
OCR1AL
7
6
543
2
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
0
0
000
0
0
0
Bit
15
14131211
10
9
8
$29 ($49)
MSB
–––
–
–
–
–
OCR1BH
$28 ($48)
–
–––
–
–
–
LSB
OCR1BL
7
654
3
2
1
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
0
000
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com