Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB355M-AC Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT43USB355M-AC
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355M-AC Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT43USB355M-AC Datasheet HTML 41Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 42Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 43Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 44Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 45Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 46Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 47Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 48Page - ATMEL Corporation AT43USB355M-AC Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 115 page
background image
45
AT43USB355
2603G–USB–04/06
Timer/Counter1 Control Register B – TCCR1B
•Bit 7 – ICNC1: Input Capture1 Noise Canceler (4 CKs)
When the ICNC1 bit is cleared (zero), the input capture trigger noise canceler function is dis-
abled. The input capture is triggered at the first rising/falling edge sampled on the ICP (input
capture pin) as specified. When the ICNC1 bit is set (one), four successive samples are mea-
sured on the ICP and all samples must be high/low according to the input capture trigger
specification in the ICES1 bit. The actual sampling frequency is the 12 MHz system clock
frequency.
•Bit 6 – ICES1: Input Capture1 Edge Select
While the ICES1 bit is cleared (zero), the Timer/Counter1 contents are transferred to the Input
Capture Register (ICR1) on the falling edge of the ICP. While the ICES1 bit is set (one), the
Timer/Counter1 contents are transferred to the ICR1 on the rising edge of the ICP.
• Bits 5, 4 – Res: Reserved Bits
These bits are reserved bits in the AT43USB355 and always read zero.
•Bit 3 – CTC1: Clear Timer/Counter1 on Compare Match
When the CTC1 control bit is set (one), the Timer/Counter1 is reset to $0000 in the clock cycle
after a compareA match. If the CTC1 control bit is cleared, Timer/Counter1 continues counting
and is unaffected by a compare match. Since the compare match is detected in the CPU clock
cycle following the match, this function will behave differently when a prescaling higher than 1
is used for the timer. When a prescaling of 1 is used, and the compareA register is set to C,
the timer will count as follows if CTC1 is set:
... | C-2 | C-1 | C | 0 | 1 | ...
When the prescaler is set to divide by 8, the timer will count like this:
... | C-2, C-2, C-2, C-2, C-2, C-2, C-2, C-2 | C-1, C-1, C-1, C-1, C-1, C-1, C-1, C-1 | C, 0, 0, 0,
0, 0, 0, 0 | ...
In PWM mode, this bit has no effect.
• Bits 2, 1, 0 – CS12, CS11, CS10: Clock Select1, Bit 2, 1 and 0
The Clock Select1 bits 2, 1 and 0 define the prescaling source of Timer/Counter1.
Bit
7
6
543
2
1
0
$2E ($4E)
ICNC1
ICES1
–
–
CTC1
CS12
CS11
CS10
TCCR1B
Read/Write
R/W
R/W
R/W
R/W
R
R
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 14. Clock 1 Prescale Select
CS12
CS11
CS10
Description
0
0
0
Stop, the Timer/Counter1 is stopped.
001
CK
010
CK/8
011
CK/64
100
CK/256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com