Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021D-MU Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT45DB021D-MU
Description  2-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D-MU Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT45DB021D-MU Datasheet HTML 5Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 6Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 7Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 8Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 9Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 10Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 11Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 12Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
9
3638B–DFLASH–02/07
AT45DB021D [Preliminary]
7.6
Sector Erase
The Sector Erase command can be used to individually erase any sector in the main memory.
There are 4 sectors and only one sector can be erased at one time. To perform sector 0a or sec-
tor 0b erase for the DataFlash standard page size (264 bytes), an opcode of 7CH must be
loaded into the device, followed by three address bytes comprised of 5 don’t care bits, 7 page
address bits (PA9 - PA3) and 12 don’t care bits. To perform a sector 1-7 erase, the opcode 7CH
must be loaded into the device, followed by three address bytes comprised of 5 don’t care bits, 3
page address bits (PA9 - PA7) and 16 don’t care bits. To perform sector 0a or sector 0b erase
for the binary page size (256 bytes), an opcode of 7CH must be loaded into the device, followed
by three address bytes comprised of 6 don’t care bits and 7 page address bits (A17 - A11) and
11 don’t care bits. To perform a sector 1-7 erase, the opcode 7CH must be loaded into the
device, followed by three address bytes comprised of 6 don’t care bit and 3 page address bits
(A17 - A15) and 16 don’t care bits. The page address bits are used to specify any valid address
location within the sector which is to be erased. When a low-to-high transition occurs on the CS
pin, the part will erase the selected sector. The erase operation is internally self-timed and
should take place in a maximum time of t
SE. During this time, the status register will indicate that
the part is busy.
Table 7-1.
Block Erase Addressing
PA9/
A17
PA8/
A16
PA7/
A15
PA6/
A14
PA5/
A13
PA4/
A12
PA3/
A11
PA2/
A10
PA1/
A9
PA0/
A8
Block
0000000
X
X
X
0
0000001
X
X
X
1
0000010
X
X
X
2
0000011
X
X
X
3
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1111100
X
X
X
124
1111101
X
X
X
125
1111110
X
X
X
126
1111111
X
X
X
127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com