Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021D-MU Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT45DB021D-MU
Description  2-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D-MU Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT45DB021D-MU Datasheet HTML 43Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 44Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 45Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 46Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 47Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 48Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 49Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 50Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
47
3638B–DFLASH–02/07
AT45DB021D [Preliminary]
26. Ordering Information
26.1
Green Package Options (Pb/Halide-free/RoHS Compliant)
fSCK
(MHz)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
66
15
0.05
AT45DB021D-MU
8M1-A
Industrial
(-40
°C to 85°C)
AT45DB021D-SSU
8S1
AT45DB021D-SU
8S2
Package Type
8M1-A
8-lead, 6 mm x 5 mm, Very Thin Micro Lead-frame Package (MLF)
8S1
8-lead, 0.150” Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC)
8S2
8-lead, 0.209” Wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com