Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021D-MU Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT45DB021D-MU
Description  2-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D-MU Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT45DB021D-MU Datasheet HTML 29Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 30Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 31Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 32Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 33Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 34Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 35Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 36Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
33
3638B–DFLASH–02/07
AT45DB021D [Preliminary]
18. Electrical Specifications
Notes:
1. ICC1 during a buffer read is 20 mA maximum @ 20 MHz.
2. All inputs are 5 volts tolerant.
Table 18-1.
Absolute Maximum Ratings*
Temperature under Bias ................................ -55
°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65
°C to +150°C
All Input Voltages (including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to VCC + 0.6V
Table 18-2.
DC and AC Operating Range
AT45DB021D
Operating Temperature (Case)
Ind.
-40
°C to 85°C
V
CC Power Supply
2.7V to 3.6V
Table 18-3.
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
IDP
Deep Power-down Current
CS, RESET, WP = VIH, all
inputs at CMOS levels
510
µA
I
SB
Standby Current
CS, RESET, WP = VIH, all
inputs at CMOS levels
25
50
µA
I
CC1
(1)
Active Current, Read Operation
f = 20 MHz; I
OUT = 0 mA;
VCC = 3.6V
710
mA
f = 33 MHz; I
OUT = 0 mA;
V
CC = 3.6V
812
mA
f = 50 MHz; IOUT = 0 mA;
V
CC = 3.6V
10
14
mA
f = 66 MHz; I
OUT = 0 mA;
VCC = 3.6V
11
15
mA
ICC2
Active Current, Program/Erase
Operation
VCC = 3.6V
12
17
mA
ILI
Input Load Current
VIN = CMOS levels
1
µA
I
LO
Output Leakage Current
V
I/O = CMOS levels
1
µA
V
IL
Input Low Voltage
V
CC x 0.3
V
VIH
Input High Voltage
VCC x 0.7
V
V
OL
Output Low Voltage
I
OL = 1.6 mA; VCC = 2.7V
0.4
V
V
OH
Output High Voltage
I
OH = -100 µA
V
CC - 0.2V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com