Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021D-MU Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT45DB021D-MU
Description  2-megabit 2.7-volt DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D-MU Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT45DB021D-MU Datasheet HTML 8Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 9Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 10Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 11Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 12Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 13Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 14Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 15Page - ATMEL Corporation AT45DB021D-MU Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
12
3638B–DFLASH–02/07
AT45DB021D [Preliminary]
8.1
Software Sector Protection
8.1.1
Enable Sector Protection Command
Sectors specified for protection in the Sector Protection Register can be protected from program
and erase operations by issuing the Enable Sector Protection command. To enable the sector
protection using the software controlled method, the CS pin must first be asserted as it would be
with any other command. Once the CS pin has been asserted, the appropriate 4-byte command
sequence must be clocked in via the input pin (SI). After the last bit of the command sequence
has been clocked in, the CS pin must be deasserted after which the sector protection will be
enabled.
Figure 8-1.
Enable Sector Protection
8.1.2
Disable Sector Protection Command
To disable the sector protection using the software controlled method, the CS pin must first be
asserted as it would be with any other command. Once the CS pin has been asserted, the
appropriate 4-byte sequence for the Disable Sector Protection command must be clocked in via
the input pin (SI). After the last bit of the command sequence has been clocked in, the CS pin
must be deasserted after which the sector protection will be disabled. The WP pin must be in the
deasserted state; otherwise, the Disable Sector Protection command will be ignored.
Figure 8-2.
Disable Sector Protection
8.1.3
Various Aspects About Software Controlled Protection
Software controlled protection is useful in applications in which the WP pin is not or cannot be
controlled by a host processor. In such instances, the WP pin may be left floating (the WP pin is
internally pulled high) and sector protection can be controlled using the Enable Sector Protection
and Disable Sector Protection commands.
If the device is power cycled, then the software controlled protection will be disabled. Once the
device is powered up, the Enable Sector Protection command should be reissued if sector pro-
tection is desired and if the WP pin is not used.
Command
Byte 1
Byte 2
Byte 3
Byte 4
Enable Sector Protection
3DH
2AH
7FH
A9H
Opcode
Byte 1
Opcode
Byte 2
Opcode
Byte 3
Opcode
Byte 4
CS
Each transition
represents 8 bits
SI
Command
Byte 1
Byte 2
Byte 3
Byte 4
Disable Sector Protection
3DH
2AH
7FH
9AH
Opcode
Byte 1
Opcode
Byte 2
Opcode
Byte 3
Opcode
Byte 4
CS
Each transition
represents 8 bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com