Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C24B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT83C24B
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24B Datasheet(HTML) 1 Page - ATMEL Corporation

  AT83C24B Datasheet HTML 1Page - ATMEL Corporation AT83C24B Datasheet HTML 2Page - ATMEL Corporation AT83C24B Datasheet HTML 3Page - ATMEL Corporation AT83C24B Datasheet HTML 4Page - ATMEL Corporation AT83C24B Datasheet HTML 5Page - ATMEL Corporation AT83C24B Datasheet HTML 6Page - ATMEL Corporation AT83C24B Datasheet HTML 7Page - ATMEL Corporation AT83C24B Datasheet HTML 8Page - ATMEL Corporation AT83C24B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Features
• Smart Card Interface
– Compliance with ISO 7816, EMV2000, GIE-CB, GSM and WHQL Standards
Card Clock Stop High or Low for Card Power-down Modes
Support Synchronous Cards with C4 and C8 Contacts
Card Detection and Automatic de-activation Sequence
Programmable Activation Sequence
– Direct Connection to the Smart Card
Logic Level Shifters
Short Circuit Current Limitation (see electrical characteristics)
8kV+ ESD Protection (MIL/STD 883 Class 3)
– Programmable Voltage
5V ±5% at 65 mA (Class A)
3V ±0.2V at 65 mA (Class B)
1.8V ±0.14V at 40 mA
– Low Ripple Noise: < 200 mV
• Versatile Host Interface
– ICAM (Conditional Access) Compatible
– Two Wire Interface (TWI) Link
Programmable Address Allow up to 8 Devices
– Programmable Interrupt Output
– Automatic Level Shifter (1.6V to V
CC)
• Reset Output Includes
– Power-On Reset (POR)
– Power-Fail Detector (PFD)
• High-efficiency Step-up Converter: 80 to 98% Efficiency
• Extended Voltage Operation: 3V to 5.5V
• Low Power Consumption
– 180 mA Maximum In-rush Current
– 30
μA Typical Power-down Current (without Smart Card)
• 4 to 48 MHz Clock Input, 7 MHz Min for Step-up Converter (for AT83C24)
• 18 to 48MHz Clock input (for AT83C24NDS)
• Industrial Temperature Range: -40 to +85°C
• Packages: SO28 and QFN28
Description
The AT83C24 is a smart card reader interface IC for smart card reader/writer applica-
tions such as EFT/POS terminals and set top boxes. It enables the management of
any type of smart card from any kind of host. Up to 8 AT83C24 can be connected in
parallel using the programmable TWI address.
Its high efficiency DC/DC converter, low quiescent current in standby mode makes it
particularly suited to low power and portable applications. The reduced bill of material
allows reducing significantly the system cost. A sophisticated protection system guar-
antees timely and controlled shutdown upon error conditions.
The AT83C24NDS is a dedicated version approved by NDS for use with NDS Video-
Guard conditional access software in set-top boxes. All AT83C24 datasheet is
applicable to AT83C24NDS. The main differences between AT83C24 and
AT83C24NDS are listed below:
1/
CLASS A card supplied with CVCC = 4.75 to 5.25V for AT83C24NDS,
CLASS A card supplied with CVCC = 4.6 to 5.25V for AT83C24
2/
18MHz minimum on input clock for AT83C24NDS
3/
Up to 10µF for capacitor connected on CVCC pin for AT83C24,
3.3µF mandatory for AT83C24NDS
Smart Card
Reader
Interface with
Power
Management
AT83C24B
AT83C24NDS
4234F–SCR–10/05


Similar Part No. - AT83C24B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C24B ATMEL-AT83C24B Datasheet
457Kb / 42P
Smart Card Reader Interface with Power Management
AT83C24B-PRRIL ATMEL-AT83C24B-PRRIL Datasheet
457Kb / 42P
Smart Card Reader Interface with Power Management
AT83C24B-PRRIM ATMEL-AT83C24B-PRRIM Datasheet
457Kb / 42P
Smart Card Reader Interface with Power Management
AT83C24B-PRRUL ATMEL-AT83C24B-PRRUL Datasheet
457Kb / 42P
Smart Card Reader Interface with Power Management
AT83C24B-PRRUM ATMEL-AT83C24B-PRRUM Datasheet
457Kb / 42P
Smart Card Reader Interface with Power Management
More results

Similar Description - AT83C24B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C24 ATMEL-AT83C24 Datasheet
723Kb / 42P
Smart Card Reader Interface with Power Management
AT83C26 ATMEL-AT83C26 Datasheet
1Mb / 77P
SMART CARD READER INTERFACE WITH POWER MANAGEMENT
AT83C26 ATMEL-AT83C26_07 Datasheet
737Kb / 77P
Multiple Smart Card Reader Interface With Power Management
AT83C24B ATMEL-AT83C24B_07 Datasheet
457Kb / 42P
Smart Card Reader Interface with Power Management
logo
Teridian Semiconductor ...
73S1210F TERIDIAN-73S1210F Datasheet
1Mb / 126P
Self-Contained Smart Card Reader with PINpad and Power Management
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
Versatile Power Management and Smart Card Interface IC
logo
FCI connector
10010556 FCI-CONNECTOR-10010556 Datasheet
2Mb / 20P
SMART CARD READER ASSEMBLY
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
USB Smart Card Reader
logo
Maxim Integrated Produc...
73S1210F MAXIM-73S1210F Datasheet
1Mb / 126P
Self-Contained Smart Card Reader with PINpad and Power Management
May 2009
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
Versatile Power Management and Smart Card Interface IC
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com