Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C24B Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT83C24B
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24B Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT83C24B Datasheet HTML 10Page - ATMEL Corporation AT83C24B Datasheet HTML 11Page - ATMEL Corporation AT83C24B Datasheet HTML 12Page - ATMEL Corporation AT83C24B Datasheet HTML 13Page - ATMEL Corporation AT83C24B Datasheet HTML 14Page - ATMEL Corporation AT83C24B Datasheet HTML 15Page - ATMEL Corporation AT83C24B Datasheet HTML 16Page - ATMEL Corporation AT83C24B Datasheet HTML 17Page - ATMEL Corporation AT83C24B Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
14
4234F–SCR–10/05
AT83C24
Activation Sequence
Hardware Activation (DC/DC started with CMDVCC)
Initial conditions:
CARDDET bit must be configured in accordance to the smart card connector polarity.
IT_SEL bit, CRST_SEL bit (see CONFIG4 register) must be set and CARDRST bit (see INTER-
FACE register) must be cleared. A smart card must be detected to enable to start the DC/DC
(CVCC= 3V or 5V).
The hardware activation sequence is started by hardware with CMDVCC pin going high to low. It
follows this automatic sequence:
•
CIO / CC4 / CC8 and IO / C4 / C8 are respectively linked together (IODIS bit is cleared).
•
The DC/DC is started and CVCC is set according to the A0/3V pin: 5V (Class A) if A0/3V is
High and 3V (Class B) is A0/3V is Low.
•
CCLK signal is enabled (CKSTOP bit cleared) when CVCC has settled to the programmed
voltage (see Electrical Characteristics) and the level on A1/RST is 0. The CCLK source can
be DCCLK signal, CLK signal , A2/CK signals or CARDCK bit (see Figures 5).
•
CRST signal is linked with A1/RST pin as soon as A1/RST pin level is 0. A rising edge on
A1/RST pin set the CRST pin.
Note:
1. The card must be deactivated to change the voltage.
Figure 10. Activation sequence with CMDVCC
Note:
For NDS applications, the host usually starts activation with A1/RST = 0.
CMDVCC
A1/RST
CCLK
CVCC
CRST
CIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com