Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C24B Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT83C24B
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24B Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT83C24B Datasheet HTML 17Page - ATMEL Corporation AT83C24B Datasheet HTML 18Page - ATMEL Corporation AT83C24B Datasheet HTML 19Page - ATMEL Corporation AT83C24B Datasheet HTML 20Page - ATMEL Corporation AT83C24B Datasheet HTML 21Page - ATMEL Corporation AT83C24B Datasheet HTML 22Page - ATMEL Corporation AT83C24B Datasheet HTML 23Page - ATMEL Corporation AT83C24B Datasheet HTML 24Page - ATMEL Corporation AT83C24B Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
21
4234F–SCR–10/05
AT83C24
Table 7. CONFIG 1 (Config Byte 1)
7
6
5
4
3
2
1
0
X
ART
SHUTDOWN
CARDDET
PULLUP
CDS2
CDS1
CDS0
Bit
Number
Bit
Mnemonic
Description
7
X
This bit should not be set.
6
ART
Automatic Reset Transition
Set this bit to have the CRST pin changed according to activation sequence.
Clear this bit to have the CRST pin immediately following the value programmed
in CARDRST.
The reset value is 0.
5
SHUTDOWN
Shutdown
Set this bit to reduce the power consumption. An automatic de-activation
sequence will be done.
Clear this bit to enable VCARD[1:0] selection.
The reset value is 0.
4
CARDDET
Card Presence Detection Polarity
Set this bit to indicate the card presence detector is closed when no card is
inserted (CPRES is low).
Clear this bit to indicate the card presence detector is open when no card is
inserted (CPRES is high).Changing CARDDET will set INSERT bit (see
CONFIG0) even if no card is inserted or extracted.
The reset value is 0.
3
PULLUP
Pull-up Enable
Set this bit to enable the internal pull-up on the CPRES pin. This allows to
minimize the number of external components.
Clear this bit to disable the internal pull-up and minimize the power consumption
when the card detection contact is on. Then an external pull-up must be
connected to V
CC (typically a 1 MΩ resistor).
The reset value is 1.
2-0
CDS[2:0]
Card Detection filtering
CPRES is sampled by the master clock provided on CLK input. A change on
CPRES is detected after:
CDS[2-0] = 0: 0 sample
(1)
CDS[2-0] = 1: 4 identical samples
CDS [2-0] = 2: 8 identical samples (reset value)
CDS[2-0] = 3: 16 identical samples
CDS[2-0] = 4: 32 identical samples
CDS[2-0] = 5: 64 identical samples
CDS[2-0] = 6: 128 identical samples
CDS[2-0] = 7: 256 identical samples
The reset value is 2.
Note:
When CDS[2-0] = 0 and IT_SEL = 0, PRES/INT = 1 when no
card is present and PRES/INT = 0 when a card is inserted
even if CLK is STOPPED. This can be used to wake up the
external microcontroller and restart CLK when a card is
inserted in the AT83C24.
If CDS[2-0] = 0, IT_SEL = 1 and CLK is stopped, a card insertion or
extraction has no effect on PRES/INT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com