Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C24B Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT83C24B
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24B Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT83C24B Datasheet HTML 18Page - ATMEL Corporation AT83C24B Datasheet HTML 19Page - ATMEL Corporation AT83C24B Datasheet HTML 20Page - ATMEL Corporation AT83C24B Datasheet HTML 21Page - ATMEL Corporation AT83C24B Datasheet HTML 22Page - ATMEL Corporation AT83C24B Datasheet HTML 23Page - ATMEL Corporation AT83C24B Datasheet HTML 24Page - ATMEL Corporation AT83C24B Datasheet HTML 25Page - ATMEL Corporation AT83C24B Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
22
4234F–SCR–10/05
AT83C24
Notes:
1. When this register is changed, a special logic insures no glitch occurs on the CCLK pin and
actual configuration changes can be delayed by half a period to two periods of CCLK.
2. CCLK must be stopped with CKSTOP bit before switching from CKS = (0, 1, 2, 3, 6, 7) to CKS
= (4, 5) or vice versa.
3. When DCK = 0, only CKS=4 and CKS=5 are allowed.
4. The user can’t directly select A2 or A2/2 after a reset or when switching from CKS = (0, 1, 2, 3,
6, 7) to CKS = (4, 5). To select A2, the user should select A2/2 first and after A2. To select
A2/2, the user should select A2 first and after A2/2.
Table 8. CONFIG2 (Config Byte 2)
7
6
5
4
3
2
1
0
X
DCK2
DCK1
DCK0
X
CKS2
CKS1
CKS0
Bit
Number
Bit
Mnemonic
Description
7
X
This bit should not be set.
6-4
DCK[2:0]
DC/DC Clock prescaler factor
DCCLK is the DC/DC clock. It is the division of CLK input by DCK prescaler.
DCK = 0: prescaler factor equals 1 (CLK = 4 to 4.61MHz)
DCK [2:0] = 1: prescaler factor equals 2 (CLK = 7 to 9.25MHz)
DCK [2:0] = 2: prescaler factor equals 4 (CLK = 14 to 18.5 MHz)
DCK [2:0] = 3: prescaler factor equals 6 (CLK = 21 to 27.6 MHz)
DCK [2:0] = 4: prescaler factor equals 8 (CLK = 28 to 34.8 MHz)
DCK [2:0] = 5: prescaler factor equals 10 (CLK = 35 to 43 MHz)
DCK [2:0] = 6: prescaler factor equals 12 (CLK = 43.1 to 48 MHz)
DCK [2:0] = 7: reserved
The reset value is 1.
DCCLK must be as close as possible to 4 MHz with a duty cycle of 50%.
DCK must be programmed before starting the DC/DC.
The other values of CLK are not allowed.
DCK has to be properly configured before resetting the STEPREG bit.
3
X
This bit should not be set.
2-0
CKS[2:0]
Card Clock prescaler factor
CKS [2:0] = 0: CCLK = CLK (then the maximum frequency on CLK is 24 MHz)
CKS [2:0] = 1: CCLK = DCCLK (DC/DC clock)
CKS [2:0] = 2: CCLK = DCCLK / 2
CKS [2:0] = 3: CCLK = DCCLK / 4
CKS [2:0] = 4: CCLK = A2
CKS [2:0] = 5: CCLK = A2 / 2
CKS [2:0] = 6: CCLK = CLK / 2
CKS [2:0] = 7: CCLK = CLK / 4
The reset value is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com