Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3946 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 3946
Description  Half-Bridge Power MOSFET Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3946 Datasheet(HTML) 4 Page - Allegro MicroSystems

  3946_04 Datasheet HTML 1Page - Allegro MicroSystems 3946_04 Datasheet HTML 2Page - Allegro MicroSystems 3946_04 Datasheet HTML 3Page - Allegro MicroSystems 3946_04 Datasheet HTML 4Page - Allegro MicroSystems 3946_04 Datasheet HTML 5Page - Allegro MicroSystems 3946_04 Datasheet HTML 6Page - Allegro MicroSystems 3946_04 Datasheet HTML 7Page - Allegro MicroSystems 3946_04 Datasheet HTML 8Page - Allegro MicroSystems 3946_04 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
3946
Half-Bridge Power MOSFET Controller
Limits
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Protection
VREG Undervoltage
V
REGON
V
REG increasing
8.6
9.1
9.6
V
VREG Undervoltage
V
REGOFF
V
REG decreasing
7.8
8.3
8.8
V
BOOT Undervoltage
V
BSON
V
BOOT increasing
8
8.75
9.5
V
BOOT Undervoltage
V
BSOFF
V
BOOT decreasing
7.25
8.0
8.75
V
Thermal Shutdown Temperature
T
JTSD
Temperature increasing
–
170
–
°C
Thermal Shutdown Hysteresis
ΔT
J
Recovery = T
JTSD – ΔTJ
–
15
–
°C
Logic
Input Current
I
IN(1)
IN1 V
IN / IN2 VIN = 2.0 V
–
40
100
μA
I
IN(0)
IN1 V
IN / IN2 VIN = 0.8 V
–
16
40
μA
RESET pin only
––
1
μA
Logic Input Voltage
V
IN(1)
IN1 / IN2 logic high
2.0
––
V
RESET logic high
2.2
––
V
V
IN(0)
Logic low
––
0.8
V
Logic Input Hysteresis
–
All digital inputs
100
–
300
mV
Fault Output
V
ol
I = 1 mA, fault asserted
––
400
mV
V
oh
V = 5 V
––
1
μA
ELECTRICAL CHARACTERISTICS at T
A = –40 to +135°C, VBB = 7 to 60 V (unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com