Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3946 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # 3946
Description  Half-Bridge Power MOSFET Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3946 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button 3946_04 Datasheet HTML 3Page - Allegro MicroSystems 3946_04 Datasheet HTML 4Page - Allegro MicroSystems 3946_04 Datasheet HTML 5Page - Allegro MicroSystems 3946_04 Datasheet HTML 6Page - Allegro MicroSystems 3946_04 Datasheet HTML 7Page - Allegro MicroSystems 3946_04 Datasheet HTML 8Page - Allegro MicroSystems 3946_04 Datasheet HTML 9Page - Allegro MicroSystems 3946_04 Datasheet HTML 10Page - Allegro MicroSystems 3946_04 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
3946
Half-Bridge Power MOSFET Controller
Application Information
Bootstrap Capacitor Selection
. C
BOOT must be cor-
rectly selected to ensure proper operation of the device. If
too large, time is wasted charging the capacitor, with the
result being a limit on the maximum duty cycle and PWM
frequency. If the capacitor is too small, the voltage drop can
be too large at the time the charge is transferred from the
C
BOOT to the MOSFET gate.
To keep the voltage drop small:
Q
BOOT >> QGATE
where a factor in the range of 10 to 20 is reasonable. Using
20 as the factor:
Q
BOOT = CBOOT × VBOOT = QGATE × 20
and
C
BOOT = QGATE × 20 / VBOOT
The voltage drop on the BOOT pin, as the MOSFET is being
turned on, can be approximated by:
Delta_v = Q
GATE / CBOOT
For example, given a gate charge, Q
GATE, of 160 nC, and the
typical BOOT pin voltage of 12 V, the value of the Boot
capacitor, C
BOOT, can be determined by:
C
BOOT = (160 nC × 20) / 12 V ≈ 0.266 μF
Therefore, a 0.22 μF ceramic (X7R) capacitor can be chosen
for the Boot capacitor.
In that case, the voltage drop on the BOOT pin, when the
high-side MOSFET is turned on, is:
Delta_v = 160 nC / 0.22 μF = 0.73 V
Bootstrap Charging. It is good practice to ensure that the
high-side bootstrap capacitor is completely charged before a
high-side PWM cycle is requested.
The time required to charge the capacitor can be approxi-
mated by:
t
CHARGE = CBOOT (Delta_v / 100 mA)
At power-up and when the drivers have been disabled for
a long time, the bootstrap capacitor can be completely
discharged. In this case, Delta_v can be considered to be the
full high-side drive voltage, 12 V. Otherwise, Delta_v is the
amount of voltage dropped during the charge transfer, which
should be 400 mV or less. The capacitor is charged whenever
the S pin is pulled low, via a GL PWM cycle, and current
flows from VREG through the internal bootstrap diode
circuit to C
BOOT.
Power Dissipation. For high ambient temperature
applications, there may be little margin for on-chip power
consumption. Careful attention should be paid to ensure that
the operating conditions allow the A3946 to remain in a safe
range of junction temperature.
The power consumed by the A3946 can be estimated as:
P_total = Pd_bias + Pd_cpump + Pd_switching_loss
where:
Pd_bias = V
BB × IVBB , typically 3 mA,
and
Pd_cpump = (2V
BB – VREG) IAVE, for VBB < 15 V, or
Pd_cpump = (V
BB – VREG) IAVE, for VBB > 15 V,
in either case, where
I
AVE = QGATE × 2 × fPWM
and
Pd_switching_loss = Q
GATE × VREG × 2 × fPWM Ratio,
where
Ratio = 10 Ω / (R
GATE + 10 Ω).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com