Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3946 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 3946
Description  Half-Bridge Power MOSFET Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3946 Datasheet(HTML) 1 Page - Allegro MicroSystems

  3946_04 Datasheet HTML 1Page - Allegro MicroSystems 3946_04 Datasheet HTML 2Page - Allegro MicroSystems 3946_04 Datasheet HTML 3Page - Allegro MicroSystems 3946_04 Datasheet HTML 4Page - Allegro MicroSystems 3946_04 Datasheet HTML 5Page - Allegro MicroSystems 3946_04 Datasheet HTML 6Page - Allegro MicroSystems 3946_04 Datasheet HTML 7Page - Allegro MicroSystems 3946_04 Datasheet HTML 8Page - Allegro MicroSystems 3946_04 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
3946
Half-Bridge Power MOSFET Controller
The A3946 is designed specifically for applications that require
high power unidirectional dc motors, three-phase brushless dc motors, or
other inductive loads. The A3946 provides two high-current gate drive
outputs that are capable of driving a wide range of power N-channel
MOSFET
s. The high-side gate driver switches an N-channel MOSFET
that controls current to the load, while the low-side gate driver switches
an N-channel MOSFET as a synchronous rectifier.
A bootstrap capacitor provides the above-battery supply voltage
required for N-channel MOSFETs. An internal charge pump for the
high side allows for dc (100% duty cycle) operation of the half-bridge.
The A3946 is available in a choice of two power packages: a
16-lead SOIC with internally fused leads (part number suffix LB), and
a 16-lead TSSOP with exposed thermal pad (suffix LP). Both packages
have a lead (Pb) free version, with 100% matte tin plated leadframes
(suffix -T).
On-chip charge pump for 7 V minimum input supply voltage
High-current gate drive for driving a wide range of
N-channel
MOSFETs
Bootstrapped gate drive with charge pump for 100% duty cycle
Overtemperature protection
Undervoltage protection
–40ºC to 135ºC ambient operation
Load Supply Voltage, V
BB ............................. 60 V
Logic Inputs ..................................–0.3 V to 6.5 V
Pin S……..........................................–4 V to 60 V
Pin GH ...........................................–4 V to 75 V
Pin BOOT….. ................................–0.6 V to 75 V
Pin DT ........................................................ V
REF
Pin VREG ......................................–0.6 V to 15 V
Package Thermal Resistance, R
JA
A3946KLB..................................... 48
°C/W1
A3946KLB..................................... 38
°C/W2
A3946KLP ..................................... 44
°C/W1
A3946KLP ..................................... 34
°C/W2
Operating Temperature Range, T
A .. –40°C to +135°C
Junction Temperature, T
J...........................+150°C
Storage Temperature Range, T
S....-55°C to +150°C
Notes:
1. Measured on a two-sided PCB with 3 in.2 of
2 oz. copper.
2. Measured on JEDEC standard High-K board.
ABSOLUTE MAXIMUM RATINGS
A3946KLB SOIC
A3946KLP TSSOP with Exposed Thermal Pad
3
4
5
6
7
8
2
1
14
13
12
11
10
9
15
16
VREG
CP2
CP1
PGND
GL
S
GH
BOOT
VBB
VREF
DT
LGND
RESET
IN2
IN1
~FAULT
FEATURES
Scale 1:1
Scale 1:1
3
4
5
6
7
8
2
1
14
13
12
11
10
9
15
16
VREG
CP2
CP1
PGND
GL
S
GH
BOOT
VBB
VREF
DT
LGND
RESET
IN2
IN1
~FAULT
Selection Guide
Part Number
Pb-free
Packing
Package
A3946KLB
–
47 pieces/tube
16-pin SOIC with internally
fused leads
A3946KLB-T
Yes
A3946KLBTR
–
1000 pieces/reel
A3946KLBTR-T
Yes
A3946KLP
–
96 pieces/tube
16-pin TSSOP with exposed
thermal pad
A3946KLP-T
Yes
A3946KLPTR
–
4000 pieces/reel
A3946KLPTR-T
Yes


Similar Part No. - 3946_04

ManufacturerPart #DatasheetDescription
logo
Star Micronics Co., Ltd...
39460010 STARMICRONICS-39460010 Datasheet
926Kb / 2P
Versatile Printer with Receipt/Ticket Stacker
03/22/2022
39462010 STARMICRONICS-39462010 Datasheet
926Kb / 2P
Versatile Printer with Receipt/Ticket Stacker
03/22/2022
More results

Similar Description - 3946_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS8858H FAIRCHILD-NDS8858H Datasheet
350Kb / 12P
Complementry MOSFET Half Bridge
logo
Allegro MicroSystems
3946 ALLEGRO-3946 Datasheet
459Kb / 14P
Half-Bridge Power MOSFET Controller
logo
Micrel Semiconductor
MIC5022 MICREL-MIC5022_05 Datasheet
198Kb / 10P
Half-Bridge MOSFET Driver
logo
Infineon Technologies A...
ICE1HS01G INFINEON-ICE1HS01G Datasheet
844Kb / 18P
Half-Bridge Resonant Controller
Version 2.0, 24 August 2009
logo
Allegro MicroSystems
A3946 ALLEGRO-A3946 Datasheet
328Kb / 14P
Half-Bridge Power MOSFET Controller
logo
Monolithic Power System...
HR1000A MPS-HR1000A Datasheet
898Kb / 23P
Resonant Half-Bridge Controller
logo
Texas Instruments
TPS53632G TI1-TPS53632G Datasheet
125Kb / 6P
Half-Bridge PWM Controller Optimized
logo
Allegro MicroSystems
A3946 ALLEGRO-A3946_16 Datasheet
327Kb / 14P
Half-Bridge Power MOSFET Controller
logo
Infineon Technologies A...
ICE1HS01G-1 INFINEON-ICE1HS01G-1 Datasheet
1Mb / 19P
Half-Bridge Resonant Controller
Version 2.0, 04 July 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com