Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3946 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # 3946
Description  Half-Bridge Power MOSFET Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3946 Datasheet(HTML) 3 Page - Allegro MicroSystems

  3946_04 Datasheet HTML 1Page - Allegro MicroSystems 3946_04 Datasheet HTML 2Page - Allegro MicroSystems 3946_04 Datasheet HTML 3Page - Allegro MicroSystems 3946_04 Datasheet HTML 4Page - Allegro MicroSystems 3946_04 Datasheet HTML 5Page - Allegro MicroSystems 3946_04 Datasheet HTML 6Page - Allegro MicroSystems 3946_04 Datasheet HTML 7Page - Allegro MicroSystems 3946_04 Datasheet HTML 8Page - Allegro MicroSystems 3946_04 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
3946
Half-Bridge Power MOSFET Controller
ELECTRICAL CHARACTERISTICS
at T
A = –40 to +135°C, VBB = 7 to 60 V (unless otherwise noted)
Characteristics
Symbol
Test Conditions
Limits
Min.
Typ.
Max.
Units
V
BB Quiescent Current
I
VBB
RESET = High, Outputs Low
–
36
mA
RESET = Low
––
10
μA
VREG Output Voltage
V
REG
V
BB > 7.75 V, Ireg = 0 mA to 15 mA
12.0
13
13.5
V
V
BB = 7 V to 7.75 V, Ireg = 0 mA to 15 mA
11.0
–
13.5
V
Charge Pump Frequency
F
CP
CP1, CP2
–
62.5
–
kHz
VREF Output Voltage
V
REF
I
REF ≤ 4 mA, CREF = 0.1 μF
4.5
–
5.5
V
Gate Output Drive
Turn On Time
t
rise
C
LOAD = 3300 pF, 20% to 80%
–
60
100
ns
Turn Off Time
t
fall
C
LOAD = 3300 pF, 80% to 20%
–
40
80
ns
Pullup On Resistance
R
DSUP
T
j = 25°C
–
4
–
Ω
T
j = 135°C
–
6
–
Ω
Pulldown On Resistance
R
DSDOWN
T
j = 25°C
–
2
–
Ω
T
j = 135°C
–
3
–
Ω
Short Circuit Current –
Source
–
t
pw < 10 μs
800
––
mA
Short Circuit Current –
Sink
–
t
pw < 10 μs
1000
––
mA
GH Output Voltage
V
GH
t
pw < 10 μs, Bootstrap Capacitor fully charged
V
REG – 1.5
––
V
GL Output Voltage
V
GL
–
V
REG – 0.2
––
V
Timing
Dead Time (Delay from
Turn Off to Turn On)
t
DEAD
R
dead = 5 kΩ
200
350
500
ns
R
dead = 100 kΩ
567
μs
Propagation Delay
t
PD
Logic input to unloaded GH, GL. DT = VREF
––
150
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com