Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADJ Datasheet(PDF) 7 Page - TAITRON Components Incorporated

Part # ADJ
Description  1 A Low Dropout Positive Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

ADJ Datasheet(HTML) 7 Page - TAITRON Components Incorporated

Back Button ADJ Datasheet HTML 3Page - TAITRON Components Incorporated ADJ Datasheet HTML 4Page - TAITRON Components Incorporated ADJ Datasheet HTML 5Page - TAITRON Components Incorporated ADJ Datasheet HTML 6Page - TAITRON Components Incorporated ADJ Datasheet HTML 7Page - TAITRON Components Incorporated ADJ Datasheet HTML 8Page - TAITRON Components Incorporated ADJ Datasheet HTML 9Page - TAITRON Components Incorporated ADJ Datasheet HTML 10Page - TAITRON Components Incorporated ADJ Datasheet HTML 11Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
1A Low Dropout Positive Voltage Regulator
Rev. A/LX
LD1117A12/ADJ -LD1117A50/ADJ
www.taitroncomponents.com
Page 7 of 21
Absolute Maximum Ratings
Symbol
Description
Ratings
Unit
VIN
Input Voltage(Note1)
20
V
TJ
Junction Temperature (Note2)
150
° C
TSTG
Storage Temperature Range
-65 to 150
° C
TLEAD(10 sec)
Lead Soldering Temperature
260
° C
SOT-223
120
SOT-89
165
TO-220
60
DPAK
100
Thermal Resistance (No Heatsink,
Note 3)
D2PAK
60
° C/W
ESD(Human body model)
ESD
2000
V
ESD(Machine model)
ESD
250
V
Note 1: Input Voltage is recommended operating at 15V max.
Note2 : Operating Junction Temperature is recommended at -40° C to 125° C.
Note3: PD(Max)=(TJ(max)-TA)/
,PD(Max):Maximum Power Dissipation; TA: Ambient Temperature,
TJ(max): Maximum Junction Temperature ;
:The Junction-to Ambient Thermal Resistance.
Exceeding the maximum allowable power dissipation will result in die temperature and the Regulator
will go into thermal shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com