Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADJ Datasheet(PDF) 14 Page - TAITRON Components Incorporated

Part # ADJ
Description  1 A Low Dropout Positive Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

ADJ Datasheet(HTML) 14 Page - TAITRON Components Incorporated

Back Button ADJ Datasheet HTML 10Page - TAITRON Components Incorporated ADJ Datasheet HTML 11Page - TAITRON Components Incorporated ADJ Datasheet HTML 12Page - TAITRON Components Incorporated ADJ Datasheet HTML 13Page - TAITRON Components Incorporated ADJ Datasheet HTML 14Page - TAITRON Components Incorporated ADJ Datasheet HTML 15Page - TAITRON Components Incorporated ADJ Datasheet HTML 16Page - TAITRON Components Incorporated ADJ Datasheet HTML 17Page - TAITRON Components Incorporated ADJ Datasheet HTML 18Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
1A Low Dropout Positive Voltage Regulator
Rev. A/LX
LD1117A12/ADJ -LD1117A50/ADJ
www.taitroncomponents.com
Page 14 of 21
Typical Characteristics Curves
Fig.1 VD-IO
Fig.2 VD-TJ
Operation Junction Temperature TJ (°C)
Fig-3 ∆VLOAD-TJ
Operation Junction Temperature TJ (°C)
Operation Junction Temperature TJ (°C)
Fig-4 VREF-TJ
Output Current IO (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com