Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADJ Datasheet(PDF) 11 Page - TAITRON Components Incorporated

Part # ADJ
Description  1 A Low Dropout Positive Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

ADJ Datasheet(HTML) 11 Page - TAITRON Components Incorporated

Back Button ADJ Datasheet HTML 7Page - TAITRON Components Incorporated ADJ Datasheet HTML 8Page - TAITRON Components Incorporated ADJ Datasheet HTML 9Page - TAITRON Components Incorporated ADJ Datasheet HTML 10Page - TAITRON Components Incorporated ADJ Datasheet HTML 11Page - TAITRON Components Incorporated ADJ Datasheet HTML 12Page - TAITRON Components Incorporated ADJ Datasheet HTML 13Page - TAITRON Components Incorporated ADJ Datasheet HTML 14Page - TAITRON Components Incorporated ADJ Datasheet HTML 15Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
1A Low Dropout Positive Voltage Regulator
Rev. A/LX
LD1117A12/ADJ -LD1117A50/ADJ
www.taitroncomponents.com
Page 11 of 21
SOT-223
-
25
-
-
SOT-89
-
30
-
-
TO-220
-
10
-
-
DPAK
-
17
-
-
Thermal
Resistance
D2PAK
-
10
-
° C/W
-
For LD1117A285 (VIN≤10V, TJ=25°C, unless otherwise specified)
LD1117A285
Symbol
Description
Min.
Type.
Max.
Unit
Test Conditions
2.822
2.85
2.878
V
VIN =4.85V, IO=10mA
VO
Output Voltage
2.793
2.85
2.907
V
4.25V≤VIN≤10V,10mA≤IO≤1A
∆VLINE
Line Regulation
-
1
6
mV
1.5V≤VIN-VO≤10V, IO=10mA
∆VLOAD
Load Regulation
-
1
10
mV
VIN-VO=2V,10mA≤IO≤1A
ILIMIT
Current Limit
1.25
1.35
-
A
VIN-VO=2V
IQ
Quiescent Current
-
5
10
mA
VIN-VO=1.25V
-
1.0
1.1
V
∆VLINE ,∆VLOAD =1%,IO=100mA
-
1.08
1.18
V
∆VLINE ,∆VLOAD =1%,IO=500mA
VD
Dropout Voltage
-
1.15
1.25
V
∆VLINE ,∆VLOAD =1%,IO=1A
eN
Output Noise Voltage
-
0.003
-
%
10Hz≤f≤10KHz,TA=25°C
PSRR
Power Supply Ripple Rejection
Ratio
60
75
-
dB
VIN-VO=3V, IO=1A, f=120Hz
CO=22uF Tantalum
-
Temperature Stability
-
0.5
-
%
-
-
Long-term Temperature Stability
-
0.3
%
TA=125°C,1000hrs
SOT-223
-
25
-
-
SOT-89
-
30
-
-
TO-220
-
10
-
-
DPAK
-
17
-
-
Thermal
Resistance
D2PAK
-
10
-
° C/W
-
For LD1117A33 (VIN≤10V, TJ=25°C, unless otherwise specified)
LD1117A33
Symbol
Description
Min.
Type.
Max.
Unit
Test Conditions
3.267
3.3
3.333
V
VIN =5.0V, IO=10mA
VO
Output Voltage
3.235
3.3
3.365
V
4.75V≤VIN≤10V,10mA≤IO≤1A
∆VLINE
Line Regulation
-
1
6
mV
1.5V≤VIN-VO≤10V, IO=10mA
∆VLOAD
Load Regulation
-
1
10
mV
VIN-VO=2V,10mA≤IO≤1A
ILIMIT
Current Limit
1.25
1.35
-
A
VIN-VO=2V
IQ
Quiescent Current
-
5
10
mA
VIN-VO=1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com