Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADJ Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # ADJ
Description  1 A Low Dropout Positive Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

ADJ Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  ADJ Datasheet HTML 1Page - TAITRON Components Incorporated ADJ Datasheet HTML 2Page - TAITRON Components Incorporated ADJ Datasheet HTML 3Page - TAITRON Components Incorporated ADJ Datasheet HTML 4Page - TAITRON Components Incorporated ADJ Datasheet HTML 5Page - TAITRON Components Incorporated ADJ Datasheet HTML 6Page - TAITRON Components Incorporated ADJ Datasheet HTML 7Page - TAITRON Components Incorporated ADJ Datasheet HTML 8Page - TAITRON Components Incorporated ADJ Datasheet HTML 9Page - TAITRON Components Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Rev. A/LX
LD1117A12/ADJ-LD1117A50/ADJ
1 A Low Dropout
Positive Voltage Regulator
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 21
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
1A Low Dropout Positive Voltage Regulator
General Description
• LD1117A is a three terminal low dropout positive voltage regulator.
It provides current limiting and thermal shut down and its circuit includes a trimmed
Bandgap reference to assure output voltage accuracy for both fixed output voltage
version and adjustable output voltage version. Current limit is trimmed to ensure
specified output current and controlled short-circuit current.On-chip thermal shutdown
provides protection against any combination of overload and ambient temperature that
would create excessive junction temperature
• There are 7 Fixed output voltages :1.2V, 1.5V,1.8V, 2.5V ,2.85V,3.3V an 5.0V.
There are also an adjustble version provide output voltage from 1.25V to 12V with
2 external resisitors.
They are suitable for applications that required supply current up to 1 A.
• LD1117A series are available in SOT-223 ,SOT-89 ,TO-220,DPAK (TO-252) and
D2PAK (TO-263) Packages
Features
• Input Voltage up to 20V
• Output Current up to 1A
• Low Drop Output Voltage:Typical 1.15V at 1A output current
• Output Voltage Accuracy : ±1% for fixed output Voltage 1.5V,1.8V, 2.5V ,2.85V,
3.3V,5.0V and Adjustble Output Voltage Version.
±2% for fixed output Voltage 1.2V
• Trimmed Current Limit and On-Chip Thermal Shutdown
• Operation Junction Temperature: -40°C to 125°C
• RoHS Compliance and Halogen Free
Applications
SOT-89
SOT-223
• PC Mother Board
• Graphic Card
• NIC/Switch
• LCD Monitor , DVD Video Player and Printer
• Telecom Equipment and other Peripheral Equipment
TO-220
DPAK
D2PAK


Similar Part No. - ADJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
1-pole/2-pole 16A polarized power relays
logo
Ceramate Technical
ADJ-B CERAMATE-ADJ-B Datasheet
444Kb / 12P
Low Dropout Linear Regulator
logo
Ferroxcube Internationa...
ADJ-P14 FERROXCUBE-ADJ-P14 Datasheet
58Kb / 1P
P cores and accessories
ADJ-P18 FERROXCUBE-ADJ-P18 Datasheet
59Kb / 1P
P cores and accessories
ADJ-P22 FERROXCUBE-ADJ-P22 Datasheet
59Kb / 1P
P cores and accessories
More results

Similar Description - ADJ

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC55 MICROCHIP-TC55 Datasheet
72Kb / 9P
1關A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
2001
TC55 MICROCHIP-TC55_05 Datasheet
383Kb / 18P
1 關A Low Dropout Positive Voltage Regulator
2005
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
1 A Low Dropout Positive Voltage Regulator
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
1 A Low Dropout Positive Low Dropout Linear Regulator
logo
Texas Instruments
TLV1117LV TI1-TLV1117LV Datasheet
637Kb / 20P
1-A, Positive Fixed Voltage, Low-Dropout Regulator
SEPTEMBER2011
TLV1117LV12 TI1-TLV1117LV12 Datasheet
698Kb / 20P
1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV117112 TI1-TLV117112 Datasheet
307Kb / 15P
1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1117LV33DCYT TI-TLV1117LV33DCYT Datasheet
903Kb / 19P
1-A, Positive Fixed Voltage, Low-Dropout Regulator
TLV1117LV TI-TLV1117LV_15 Datasheet
901Kb / 24P
TLV1117LV 1-A, Positive Fixed-Voltage, Low-Dropout Regulator
TLV1171 TI-TLV1171_15 Datasheet
805Kb / 18P
1-A, Positive Fixed-Voltage, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com