Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F803 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 56F803
Description  16-bit Digital Signal Controllers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F803 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 56F803 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
56F803 Technical Data, Rev. 16
28
Freescale Semiconductor
3.5.2
Ceramic Resonator
It is also possible to drive the internal oscillator with a ceramic resonator, assuming the overall system
design can tolerate the reduced signal integrity. In Figure 3-8, a typical ceramic resonator circuit is
shown. Refer to supplier’s recommendations when selecting a ceramic resonator and associated
components. The resonator and components should be mounted as close as possible to the EXTAL and
XTAL pins. The internal 56F80x oscillator circuitry is designed to have no external load capacitors
present. As shown in Figure 3-7 no external load capacitors should be used.
Figure 3-8 Connecting a Ceramic Resonator
Note: Freescale recommends only two terminal ceramic resonators vs. three terminal resonators
(which contain an internal bypass capacitor to ground).
3.5.3
External Clock Source
The recommended method of connecting an external clock is given in Figure 3-9. The external clock
source is connected to XTAL and the EXTAL pin is grounded.
Figure 3-9 Connecting an External Clock Signal
Recommended Ceramic Resonator
Parameters:
Rz = 1 to 3 MΩ
fc = 8MHz (optimized for 8MHz)
EXTAL XTAL
Rz
fc
56F803
XTAL
EXTAL
External
VSS
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com