Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F803 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # 56F803
Description  16-bit Digital Signal Controllers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F803 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button 56F803 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 45Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 46Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 47Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 48Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 49Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 50Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 51Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
Analog-to-Digital Converter (ADC) Characteristics
56F803 Technical Data, Rev. 16
Freescale Semiconductor
43
Figure 3-25 TXD Pulse Width
3.12 Analog-to-Digital Converter (ADC) Characteristics
Table 3-16 ADC Characteristics
Characteristic
Symbol
Min
Typ
Max
Unit
ADC input voltages
VADCIN
01
—
VREF
2
V
Resolution
RES
12
—
12
Bits
Integral Non-Linearity3
INL
—
+/- 2.5
+/- 4
LSB4
Differential Non-Linearity
DNL
—
+/- 0.9
+/- 1
LSB4
Monotonicity
GUARANTEED
ADC internal clock5
fADIC
0.5
—
5
MHz
Conversion range
RAD
VSSA
—VDDA
V
Power-up time
tADPU
—16
—
tAIC cycles
6
Conversion time
tADC
—6
—
tAIC cycles
6
Sample time
tADS
—1
—
tAIC cycles
6
Input capacitance
CADI
—5
—
pF6
Gain Error (transfer gain)5
EGAIN
0.95
1.00
1.10
—
Offset Voltage5
VOFFSET
-80
-15
+20
mV
Total Harmonic Distortion5
THD
60
64
—
dB
Signal-to-Noise plus Distortion5
SINAD
55
60
—
dB
Effective Number of Bits5
ENOB
9
10
—
bit
Spurious Free Dynamic Range5
SFDR
65
70
—
dB
Bandwidth
BW
—
100
—
KHz
TXD
SCI receive
data pin
(Input)
TXDPW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com