Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F803 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 56F803
Description  16-bit Digital Signal Controllers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F803 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 56F803 Datasheet HTML 10Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 11Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
Introduction
56F803 Technical Data, Rev. 16
Freescale Semiconductor
9
Figure 2-1 56F803 Signals Identified by Functional Group1
1. Alternate pin functionality is shown in parenthesis.
56F803
Power Port
Ground Port
Power Port
Ground Port
PLL
and
Clock
External
Address Bus or
GPIO
External
Data Bus
External
Bus Control
SCI0 Port
or GPIO
VDD
VSS
VDDA
VSSA
VCAPC
EXTAL
XTAL
CLKO
A0-A5
A6-7 (GPIOE2-E3)
A8-15 (GPIOA0-A7)
D0–D15
PS
DS
RD
WR
PHASEA0 (TA0)
PHASEB0 (TA1)
INDEX0 (TA2)
HOME0 (TA3)
TCK
TMS
TDI
TDO
TRST
DE
Quadrature
Decoder or
Quad Timer A
JTAG/OnCE
™
Port
PWMA0-5
ISA0-2
FAULTA0-2
SCLK (GPIOE4)
MOSI (GPIOE5)
MISO (GPIOE6)
SS (GPIOE7)
TXD0 (GPIOE0)
RXD0 (GPIOE1)
ANA0-7
VREF
MSCAN_RX
MSCAN_TX
TD1-2
IRQA
IRQB
RESET
EXTBOOT
Quad
Timer D
ADCA
Port
Other
Supply
Ports
6
6*
1
1
2
1
1
1
6
2
8
16
1
1
1
1
1
1
1
1
1
1
1
1
1
1
Interrupt/
Program
Control
6
3
3
1
1
1
1
1
1
8
1
1
1
2
1
1
1
1
PWMA
Port
SPI Port
or GPIO
CAN
*includes TCS pin which is reserved for factory use and is tied to VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com