Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F803 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 56F803
Description  16-bit Digital Signal Controllers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F803 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  56F803 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F803 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
Addendum to Rev.16 of 56F803 Technical Data, Rev. 0, 10/2015
4
Freescale Semiconductor, Inc.
Add missing Electrical Design Considerations section
interface. From this case temperature, the junction temperature is determined from the junction-to-case
thermal resistance.
2
Add missing Electrical Design Considerations section
CAUTION
This device contains protective circuitry to guard
against damage due to high static voltage or
electrical fields. However, normal precautions are
advised to avoid application of any voltages higher
than maximum rated voltages to this high-impedance
circuit. Reliability of operation is enhanced if unused
inputs are tied to an appropriate voltage level.
Use the following list of considerations to assure correct DSP operation:
•
Provide a low-impedance path from the board power supply to each VDD pin on the DSP, and from
the board ground to each VSS (GND) pin.
•
The minimum bypass requirement is to place six 0.01–0.1 mF capacitors positioned as close as
possible to the package supply pins. The recommended bypass configuration is to place one bypass
capacitor on each of the seven VDD/VSS pairs, including VDDA/VSSA. The VCAP capacitors
must be 150 milliohm or less ESR capacitors.
•
Ensure that capacitor leads and associated printed circuit traces that connect to the chip VDD and
VSS (GND) pins are less than 0.5 inch per capacitor lead.
•
Use at least a four-layer Printed Circuit Board (PCB) with two inner layers for VDD and VSS .
•
Bypass the VDD and VSS layers of the PCB with approximately 100 mF, preferably with a
highgrade capacitor such as a tantalum capacitor.
•
Because the DSP output signals have fast rise and fall times, PCB trace lengths should be minimal
3
Add missing Ordering part section
Table 1 lists the pertinent information needed to place an order. Consult a Freescale Semiconductor sales
office or authorized distributor to determine availability and to order parts.
Location: Section 5.2, Page 52
Location:
Section 6, Page 53
Table 1. 56F803 Ordering Information
Part
Supply
Voltage
Package Type
Pin Count
Ambient
Frequency
(MHz)
Order Number
56F803
3.0–3.6 V
Low Profile Plastic Quad Flat
Pack (LQFP)
100
80
DSP56F803BU80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com