Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3152 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part # AAT3152
Description  High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3152 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT3152 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Pin Descriptions
Pin Configuration
TDFN33-12
(TopView)
D4
EN/SET
C1+
1
C1-
VOUT
C2+
D3
D2
D1
GND
VIN
C2-
2
3
4
5
6
12
11
10
9
8
7
Pin #
Symbol
Function
1
D4
Current sink input #4.
2
EN/SET
S
2Cwire serial interface control pin.
3
C1+
Flying capacitor 1 positive terminal. Connect a 1µF capacitor between C1+
and C1-.
4
C1-
Flying capacitor 1 negative terminal.
5
VOUT
Charge pump output to drive load circuit. Requires 1µF capacitor connected
between this pin and ground.
6
C2+
Flying capacitor 2 positive terminal. Connect a 1µF capacitor between C2+
and C2-.
7
C2-
Flying capacitor 2 negative terminal.
8
VIN
Input power supply. Requires 1µF capacitor connected between this pin and
ground.
9
GND
Ground.
10
D1
Current sink input #1.
11
D2
Current sink input #2.
12
D3
Current sink input #3.
EP
Exposed paddle (bottom); connect to GND directly beneath package.
AAT3152
High Efficiency 1X/1.5X/2X Charge Pump
For White LED Applications
2
3152.2005.08.1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com