Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3152 Datasheet(PDF) 11 Page - Advanced Analog Technology, Inc.

Part # AAT3152
Description  High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3152 Datasheet(HTML) 11 Page - Advanced Analog Technology, Inc.

Back Button AAT3152 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 12Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AAT3152
High Efficiency 1X/1.5X/2X Charge Pump
For White LED Applications
3152.2005.08.1.2
11
formance. Optimum performance will be obtained
when low Equivalent Series Resistance (ESR)
ceramic capacitors are used. In general, low ESR
may be defined as less than 100m
Ω. A value of
1µF for all four capacitors is a good starting point
when choosing capacitors. If the LED current
sources are only programmed for light current lev-
els, then the capacitor size may be decreased.
Capacitor Characteristics
Ceramic composition capacitors are highly recom-
mended over all other types of capacitors for use
with the AAT3152. Ceramic capacitors offer many
advantages over their tantalum and aluminum elec-
trolytic counterparts. A ceramic capacitor typically
has very low ESR, is lowest cost, has a smaller
PCB footprint, and is non-polarized. Low ESR
ceramic capacitors help to maximize charge pump
transient response. Since ceramic capacitors are
non-polarized, they are not prone to incorrect con-
nection damage.
Equivalent Series Resistance
ESR is an important characteristic to consider when
selecting a capacitor. ESR is a resistance internal to
a capacitor that is caused by the leads, internal
connections, size or area, material composition,
and ambient temperature. Capacitor ESR is typical-
ly measured in milliohms for ceramic capacitors and
can range to more than several ohms for tantalum
or aluminum electrolytic capacitors.
Ceramic Capacitor Materials
Ceramic capacitors less than 0.1µF are typically
made from NPO or C0G materials. NPO and C0G
materials typically have tight tolerance and are sta-
ble over temperature. Larger capacitor values are
typically composed of X7R, X5R, Z5U, or Y5V
dielectric materials. Large ceramic capacitors, typ-
ically greater than 2.2µF, are often available in low-
cost Y5V and Z5U dielectrics, but capacitors
greater than 1µF are typically not required for
AAT3152 applications. Capacitor area is another
contributor to ESR. Capacitors that are physically
large will have a lower ESR when compared to an
equivalent material, smaller capacitor. These larger
devices can improve circuit transient response
when compared to an equal value capacitor in a
smaller package size.
Thermal Protection
The AAT3152 has a built-in thermal protection cir-
cuit that will shut down the charge pump if the die
temperature rises above the thermal limit, as is the
case during a short circuit of the V
OUT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com