Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3152 Datasheet(PDF) 1 Page - Advanced Analog Technology, Inc.

Part # AAT3152
Description  High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3152 Datasheet(HTML) 1 Page - Advanced Analog Technology, Inc.

  AAT3152 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AAT3152
High Efficiency 1X/1.5X/2X Charge Pump
For White LED Applications
3152.2005.08.1.2
1
ChargePump
General Description
The AAT3152 is a low noise, constant frequency
charge pump DC/DC converter that uses a tri-mode
load switch (1X), fractional (1.5X), and doubling (2X)
conversion to maximize efficiency for white LED
applications. The AAT3152 is capable of driving
four-channel LEDs from a 2.7V to 5.5V input. The
current sinks may be operated individually or in par-
allel for driving higher-current LEDs. A low external
parts count (two 1µF flying capacitors and two small
1µF capacitors at V
IN and VOUT) makes this part ide-
ally suited for small, battery-powered applications.
AnalogicTech's S
2Cwire™ (Simple Serial Control™)
serial digital input is used to enable, disable, and
set current for each LED with eight settings (20mA
down to 50µA) including main/sub-display group
control. The AAT3152 consumes extremely low cur-
rent internally (50µA typical) at light load for opti-
mized efficiency.
Each output of the AAT3152 is equipped with built-
in protection for V
OUT short-circuit and auto-disable
for load short-circuit conditions. Built-in soft-start
circuitry prevents excessive inrush current during
start-up. A low current shutdown feature discon-
nects the load from V
IN and reduces quiescent cur-
rent to less than 1µA.
The AAT3152 is available in a Pb-free, space-sav-
ing, thermally-enhanced 12-pin 3x3mm TDFN
package.
Features
•V
IN Range: 2.7V to 5.5V
Fully Programmable Current with Single Wire
— Eight-Step Current: 20mA to 50µA
— Individual Main-Sub Group Control
— Low I
Q (50µA) at Light Load
Tri-Mode 1X, 1.5X, and 2X Charge Pump for
Maximum Efficiency and V
F Coverage
Drives 1-4 Channels of LEDs
No Inductors, Low Noise Operation
1MHz Constant Switching Frequency
Small Application Circuit
Built-In Thermal Protection
Built-In Auto-Disable for Short-Circuit
Automatic Soft Start
•I
Q <1µA in Shutdown
Thermally-Enhanced 3x3mm 12-Pin TDFN
Package
Applications
Color (RGB) Lighting
Programmable Current Sinks
White LED Backlighting
White Photo Flash for Digital Still Cameras
Typical Application
C1
1
µF
C2
1
µF
D1
D2
D3
D4
COUT
1
µF
CIN
1
µF
2.7V to 5.5V
EN/SET
VIN
EN/SET
C1+
C1-
C2+
C2-
VOUT
D1
D2
D3
D4
GND
AAT3152


Similar Part No. - AAT3152

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3152 ANALOGICTECH-AAT3152 Datasheet
322Kb / 12P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Skyworks Solutions Inc.
AAT3152 SKYWORKS-AAT3152 Datasheet
754Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
July 10, 2012
logo
Advanced Analogic Techn...
AAT3152IWP-T1 ANALOGICTECH-AAT3152IWP-T1 Datasheet
123Kb / 10P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3152IWP-T1 ANALOGICTECH-AAT3152IWP-T1 Datasheet
322Kb / 12P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results

Similar Description - AAT3152

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3140.2007.03.1.3
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3142.2007.03.1.2
AAT3151 AAT-AAT3151 Datasheet
444Kb / 15P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
3151.2007.03.1.10
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3167.2007.03.1.4
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3169.2006.08.1.2
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com