Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3152 Datasheet(PDF) 12 Page - Advanced Analog Technology, Inc.

Part # AAT3152
Description  High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3152 Datasheet(HTML) 12 Page - Advanced Analog Technology, Inc.

Back Button AAT3152 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3152 Datasheet HTML 12Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AAT3152
High Efficiency 1X/1.5X/2X Charge Pump
For White LED Applications
12
3152.2005.08.1.2
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085
Phone (408) 737-4600
Fax (408) 737-4611
AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work
rights, or other intellectual property rights are implied.
AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice, and advise customers to obtain the latest
version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale
supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability.
AnalogicTech warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech’s standard warranty. Testing and
other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily
performed.
Ordering Information
Package Information
All dimensions in millimeters.
Top View
Bottom View
Detail "B"
Detail "A"
Side View
3.00
± 0.05
Index Area
(D/2 x E/2)
Detail "A"
Detail "B"
1.70
± 0.05
0.05
± 0.05
7.5
° ± 7.5°
0.16
Pin 1 Indicator
(optional)
0.375
± 0.125
0.3
± 0.10
0.075
± 0.075
0.1 REF
Option A:
C0.30 (4x) max
Chamfered corner
Option B:
R0.30 (4x) max
Round corner
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
Package
Marking
1
Part Number (Tape and Reel)
2
TDFN33-12
NQXYY
AAT3152IWP-T1
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in BOLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com