Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDA5876 Datasheet(PDF) 2 Page - RDA Microelectronics, Inc

Part # RDA5876
Description  SINGLE CHIP FOR BLUETOOTH & FM RADIO TUNER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDA [RDA Microelectronics, Inc]
Direct Link  http://www.rdamicro.com/
Logo RDA - RDA Microelectronics, Inc

RDA5876 Datasheet(HTML) 2 Page - RDA Microelectronics, Inc

  RDA5876 Datasheet HTML 1Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 2Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 3Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 4Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 5Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 6Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 7Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 8Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 9Page - RDA Microelectronics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
RDA Microelectronics, Inc.
RDA5876 Datasheet V1.2
Page 2 of 22
1.2 FM Features
CMOS single-chip fully-integrated FM tuner
Low power consumption
Total current consumption lower than 20mA at
3.0V power supply
Support worldwide frequency band
50 -115 MHz
Support flexible channel spacing mode
100KHz, 200KHz, 50KHz and 25KHz
Support RDS/RBDS
Digital low-IF tuner
Image-reject down-converter
High performance A/D converter
IF selectivity performed internally
Fully integrated digital frequency synthesizer
Fully integrated on-chip RF and IF VCO
Fully integrated on-chip loop filter
Autonomous search tuning
Support 32.768KHz crystal oscillator
Digital auto gain control (AGC) Digital adaptive
noise cancellation
Mono/stereo switch
Soft mute
High cut
1.3 Applications
Mobile handset
MP3,MP4 and PMP
PDA
Cordless phone
Programmable de-emphasis (50/75
μs)
Receive signal strength indicator (RSSI)
Bass boost
Volume control
Line-level analog output voltage
I2C control bus interface
Directly support 32Ω resistance loading
Integrated LDO regulator
1.8 to 5.5 V operation voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com