Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDA5876 Datasheet(PDF) 13 Page - RDA Microelectronics, Inc

Part # RDA5876
Description  SINGLE CHIP FOR BLUETOOTH & FM RADIO TUNER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDA [RDA Microelectronics, Inc]
Direct Link  http://www.rdamicro.com/
Logo RDA - RDA Microelectronics, Inc

RDA5876 Datasheet(HTML) 13 Page - RDA Microelectronics, Inc

Back Button RDA5876 Datasheet HTML 9Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 10Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 11Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 12Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 13Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 14Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 15Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 16Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 17Page - RDA Microelectronics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
RDA Microelectronics, Inc.
RDA5876 Datasheet V1.2
Page 13 of 22
8 FM Section Electrical Characteristics
Table 8-1 DC Electrical Specification (Recommended Operation Conditions):
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
VBAT
Supply Voltage
3.3
4.0
4.2
V
VIO
Interface Supply Voltage
1.5
3.0
3.6
V
Tamb
Ambient Temperature
-20
27
+75
℃
VIL
CMOS Low Level Input Voltage
0
0.3*VIO
V
VIH
CMOS High Level Input Voltage
0.7*VIO
VIO
V
VTH
CMOS Threshold Voltage
0.5*VIO
V
Notes
:
1. VIO=1.8~3.3V
Table 8-2 DC Electrical Specification (Absolute Maximum Ratings):
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
VIO
Interface Supply Voltage
-0.5
+3.6
V
Tamb
Ambient Temperature
-40
+90
°C
IIN
Input Current (1)
-10
+10
mA
VIN
Input Voltage(1)
-0.3
VIO+0.3
V
Vlna
LNA FM Input Level
+10
dBm
Notes:
1. For Pin: SCL, SDA
Table 8-3 Power Consumption Specification
(VBAT = 4.0 V, VIO=1.5 to 3.6V, TA = -25 to 85
, unless otherwise specified)
℃
SYMBOL
DESCRIPTION
Condition
TYP
UNIT
IA
Analog Supply Current
ENABLE=1
20
mA
IVIO
Interface Supply Current
SCL and SDA inactive
90
μA
IAPD
Analog Powerdown Current
ENABLE=0
5
μA
IVIO
Interface Powerdown Current
ENABLE=0
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com