Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDA5876 Datasheet(PDF) 11 Page - RDA Microelectronics, Inc

Part # RDA5876
Description  SINGLE CHIP FOR BLUETOOTH & FM RADIO TUNER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDA [RDA Microelectronics, Inc]
Direct Link  http://www.rdamicro.com/
Logo RDA - RDA Microelectronics, Inc

RDA5876 Datasheet(HTML) 11 Page - RDA Microelectronics, Inc

Back Button RDA5876 Datasheet HTML 7Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 8Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 9Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 10Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 11Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 12Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 13Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 14Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 15Page - RDA Microelectronics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
RDA Microelectronics, Inc.
RDA5876 Datasheet V1.2
Page 11 of 22
7 FM Section Functional Description
I
ADC
L
DAC
R
DAC
Q
ADC
+
-
Audio
DSP
Core
digital filter
MPX decoder
stereo/mono
audio
VCO
Synthesizer
GPIO
Interface
Bus
RSSI
VIO
SDIO
SCLK
MCU
GPIO
LOUT
ROUT
LNAN
LNAP
RCLK
2.7-5.5 V
32.768 KHz
VDD
LDO
Limiter
LNA
I
PGA
Q
PGA
RDS
/RBDS
Figure 7-1. RDA5876 FM Tuner Block Diagram
FM Receiver
The receiver uses a digital low-IF architecture that
avoids the difficulties associated with direct
conversion while delivering lower solution cost
and reduces complexity, and integrates a low
noise
amplifier
(LNA)
supporting
the
FM
broadcast band (50 to 115MHz), a quadrature
image-reject mixer, a programmable gain control
(PGA),
a
high
resolution
analog-to-digital
converters (ADCs), an audio DSP and a high-
fidelity digital-to-analog converters (DACs).
The LNA has differential input ports (LNAP and
LNAN) and supports any input port by set
according registers bits (LNA_port_sel[1:0]). It
default input common mode voltage is GND.
The limiter prevents overloading and limits the
amount of intermodulation products created by
strong adjacent channels.
The quadrature mixer down converts the LNA
output differential RF signal to low-IF, it also has
image-reject function.
The PGA amplifies the mixer output IF signal and
then digitized with ADCs.
The DSP core finishes the channel selection, FM
demodulation, stereo MPX decoder and output
audio signal. The MPX decoder can autonomous
switch from stereo to mono to limit the output
noise.
The DACs convert digital audio signal to analog
and change the volume at same time. The DACs
has low-pass feature and -3dB frequency is about
30 KHz.
Synthesizer
The frequency synthesizer generates the local
oscillator signal which divide to quadrature, then
be used to downconvert the RF input to a
constant low intermediate frequency (IF). The
synthesizer reference clock is 32.768 KHz.
The synthesizer frequency is defined by bits
CHAN[9:0] with the range from 50MHz to
115MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com