Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDA5876 Datasheet(PDF) 8 Page - RDA Microelectronics, Inc

Part # RDA5876
Description  SINGLE CHIP FOR BLUETOOTH & FM RADIO TUNER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDA [RDA Microelectronics, Inc]
Direct Link  http://www.rdamicro.com/
Logo RDA - RDA Microelectronics, Inc

RDA5876 Datasheet(HTML) 8 Page - RDA Microelectronics, Inc

Back Button RDA5876 Datasheet HTML 4Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 5Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 6Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 7Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 8Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 9Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 10Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 11Page - RDA Microelectronics, Inc RDA5876 Datasheet HTML 12Page - RDA Microelectronics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
RDA Microelectronics, Inc.
RDA5876 Datasheet V1.2
Page 8 of 22
6 Bluetooth Section Radio Characteristics
Table 6-1
Receiver Characteristics ------ Basic Data Rate
(VBAT = 4.0 V, TA = 27°C, unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
General specifications
Sensitivity @0.1% BER
/
-90
/
dBm
Maximum received signal@0.1% BER
0
/
/
dBm
C/I c-channel
/
+10
/
dB
F=F0 + 1MHz
/
/
-5
dB
F=F0 - 1MHz
/
/
0
dB
F=F0 + 2MHz
/
/
-33
dB
F=F0 - 2MHz
/
/
-30
dB
F=F0 + 3 MHz
/
/
-45
dB
Adjacent channel selectivity C/I
F=F0 - 3MHz
/
/
-40
dB
Adjacent channel selectivity C/I
F=Fimage
/
/
0
dB
30MHz–2000MHz
-10
/
/
dBm
2000MHz–2400MHz
-27
/
/
dBm
2500MHz–3000MHz
-27
/
/
dBm
Out-of-band blocking performance
3000MHz–12.5GHz
-10
/
/
dBm
Intermodulation
-35
/
/
dBm
Spurious output level
-150
/
/
dBm/Hz
Notes
:
Table 6-2
Transmit Characteristics ------ Basic Data Rate
(VBAT = 4.0V, TA = 27 °C, unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
General specifications
Maximum RF transmit power
/
+10
/
dBm
RF power control range
30
/
/
dB
20dB band width
/
0.9
/
MHz
F=F0 + 1MHz
/
-35
/
dBm
F=F0 - 1MHz
/
-34
/
dBm
F=F0 + 2MHz
/
-55
/
dBm
F=F0 - 2MHz
/
-55
/
dBm
F=F0 + 3MHz
/
-58
/
dBm
F=F0 - 3MHz
/
-58
/
dBm
Adjacent channel transmit power
F=F0 + >3MHz
-58
/
/
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com